Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1644J/DESC Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG1644J/DESC
Description  DUAL HIGH SPEED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1644J/DESC Datasheet(HTML) 8 Page - Microsemi Corporation

  SG1644J/DESC Datasheet HTML 1Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 2Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 3Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 4Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 5Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 6Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 7Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
9/91 Rev 1.2 6/97
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
8
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
SG1644/SG2644/SG3644
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
14-PIN CERAMIC DIP
J - PACKAGE
Ambient
Temperature Range
SG1644J/883B
-55
°C to 125°C
SG1644J/DESC
-55
°C to 125°C
SG1644J
-55
°C to 125°C
SG2644J
-25
°C to 85°C
SG3644J
0
°C to 70°C
Part No.
Package
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
Connection Diagram
2
3
4
5
1
6
7
14
13
10
12
11
9
8
N.C.
PWR GND A
N.C.
LOGIC GND
IN A
OUT A
OUT B
N.C.
PWR GND B
IN B
N.C.
N.C.
N.C.
V
CC
8-PIN CERAMIC DIP
Y - PACKAGE
SG1644Y/883B
-55
°C to 125°C
SG1644Y/DESC
-55
°C to 125°C
SG1644Y
-55
°C to 125°C
SG2644Y
-25
°C to 85°C
SG3644Y
0
°C to 70°C
SG2644M
-25
°C to 85°C
SG3644M
0
°C to 70°C
8-PIN PLASTIC DIP
M - PACKAGE
8
7
6
5
2
1
3
4
IN B
OUT B
V
CC
LOGIC GND
OUT A
PWR GND A
IN A
PWR GND B
SG1644L/883B
-55
°C to 125°C
SG1644L/DESC
-55
°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
8-PIN TO-99 METAL CAN
T - PACKAGE
SG1644T/883B
-55
°C to 125°C
SG1644T/DESC
-55
°C to 125°C
SG1644T
-55
°C to 125°C
SG2644T
-25
°C to 85°C
SG3644T
0
°C to 70°C
SG1644R/883B
-55
°C to 125°C
SG1644R
-55
°C to 125°C
SG2644R
-25
°C to 85°C
SG3644R
0
°C to 70°C
9-PIN TO-66 METAL CAN
R - PACKAGE
IN A
OUT A
PWR GND A
PWR GND B
V
CC
OUT B
IN B
1
2
3
4
5
7
8
6
LOGIC GND
16-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2644DW
-25
°C to 85°C
SG3644DW
0
°C to 70°C
2
3
4
5
6
7
8
1
13
12
11
14
15
10
9
16
1
3
5
7
9
V
CC
IN A
IN B
CASE IS LOGIC GROUND
Note: Case and tab are
internally connected to
substrate ground.
2
8
64
PWR GND A
PWR GND B
OUT A
OUT B
N.C.
N.C.
N.C.
N.C.
IN A
N.C.
GROUND
GROUND
IN B
N.C.
GROUND
PWR GND A
OUT A
GROUND
V
CC
PWR GND B
OUT B
V
CC
5
7
8
18
17
16
15
14
9
10 11 12 13
32
120 19
(Note 4)
11. N.C.
12. N.C.
13. OUT B
14. N.C.
15. V
CC
16. N.C.
17. V
CC
18. N.C.
19. OUT A
20. N.C.
1. N.C.
2. PWR GND A
3. N.C.
4. IN A
5. N.C.
6. LOGIC GND
7. N.C.
8. IN B
9. N.C.
10. PWR GND B
4
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com