Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5165AV Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5165AV
Description  PLL Synthesizer IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5165AV Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5165AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5165AV Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM5165AV
NIPPON PRECISION CIRCUITS—8
Operating principles
When the PLL is operating with a phase error within
fixed tolerance, an internal WINDOWN signal is
generated. This signal is in sync with the N counter
output signal (FV) and is 62 cycles of the FIN input
period in length centered about the falling edge of
FV.
If the phase detector error correction signal occurs
before the WINDOWN LOW-level pulse, the HIGH-
level output from DB continues. However, if the
error correction signal occurs wholly within the
WINDOWN LOW-level pulsewidth, DB goes high
impedance and the boost-up circuit operation stops.
The above description applies when the error correc-
tion signal is revising up. When the error correction
signal is revising down, DB goes LOW.
Standby Mode
The SM5165AV enters standby mode when OPR
goes LOW. In this mode, the following pin states and
functions occur.
Note that even in standby mode, some current flows
into VDD1 (FIN and XIN prescaler current). It is
recommended that VDD1 be grounded in standby
mode to reduce current consumption if necessary.
Note also that the above pin states and functions are
only valid if VDD2 and VDD3 are maintained within
normal operating conditions. If VDD2 and/or VDD3
Function
State
Outputs DO and
DB
Floating (high impedance)
Phase detector
Reset
Input FIN
Feedback resistor is cutoff (internal HIGH level)
Input XIN
Feedback resistor is cutoff (internal HIGH level)
N counter
Reset
R counter
Reset
Latch data
Stored
are not within normal operating conditions, the latch data is not retained.
Phase Comparator Timing Diagram
Passive Low-pass Filter
FV and FR are the internal comparator frequency divider output signal and reference frequency divider output signal, respectively.
FR
FV
DO
LD
DO
C
R2
R1
VCO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com