Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1124 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS1124
Description  Dual Variable?뭃eluctance Sensor Interface IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1124 Datasheet(HTML) 2 Page - ON Semiconductor

  CS1124 Datasheet HTML 1Page - ON Semiconductor CS1124 Datasheet HTML 2Page - ON Semiconductor CS1124 Datasheet HTML 3Page - ON Semiconductor CS1124 Datasheet HTML 4Page - ON Semiconductor CS1124 Datasheet HTML 5Page - ON Semiconductor CS1124 Datasheet HTML 6Page - ON Semiconductor CS1124 Datasheet HTML 7Page - ON Semiconductor CS1124 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS1124
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature Range
−65 to 150
°C
Ambient Operating Temperature
−40 to 125
°C
Supply Voltage Range (continuous)
−0.3 to 7.0
V
Input Voltage Range (at any input, R1 = R2 = 22 k)
−250 to 250
V
Maximum Junction Temperature
150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
ELECTRICAL CHARACTERISTICS (4.5 V < VCC < 5.5 V, −40°C < TA < 125°C, VDIAG = 0; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCC SUPPLY
Operating Current Supply
VCC = 5.0 V
5.0
mA
Sensor Inputs
Input Threshold − Positive
VDIAG = Low
VDIAG = High
135
135
160
160
185
185
mV
mV
Input Threshold − Negative
VDIAG = Low
VDIAG = High
−185
135
−160
160
−135
185
mV
mV
Input Bias Current (INP1, INP2)
VIN = 0.336 V
−16
−11
−6.0
mA
Input Bias Current (DIAG)
VDIAG = 0 V
1.0
mA
Input Bias Current Factor (KI)
(INAdj = INP × KI)
VIN = 0.336 V, VDIAG = Low
VIN = 0.336 V, VDIAG = High
152
100
155
157
%INP
%INP
Bias Current Matching
INP1 or INP2 to INAdj, VIN = 0.336 V
−1.0
0
1.0
mA
Input Clamp − Negative
IIN = −50 mA
IIN = −12 mA
−0.5
−0.5
−0.25
−0.30
0
0
V
V
Input Clamp − Positive
IIN = +12 mA
5.0
7.0
9.0
V
Output Low Voltage
IOUT = 1.6 mA
0.2
0.4
V
Output High Voltage
IOUT = −1.6 mA
VCC − 0.5
VCC − 0.2
V
Mode Change Time Delay
0
20
ms
Input to Output Delay
IOUT = 1.0 mA
1.0
20
ms
Output Rise Time
CLOAD = 30 pF
0.5
2.0
ms
Output Fall Time
CLOAD = 30 pF
0.05
2.0
ms
Open−Sensor Positive Threshold
VDIAG = High, RIN(Adj) = 40 k. Note 2
29.4
54
86.9
k
W
Logic Inputs
DIAG Input Low Threshold
0.2
× VCC
V
DIAG Input High Threshold
0.7
× VCC
V
DIAG Input Resistance
VIN = 0.3 × VCC , VCC = 5.0 V
VIN = VCC, VCC = 5.0 V
8.0
8.0
22
22
70
70
k
W
k
W
2. This parameter is guaranteed by design, but not parametrically tested in production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com