Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3706 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS3706
Description  Dual Output Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3706 Datasheet(HTML) 6 Page - ON Semiconductor

  CS3706 Datasheet HTML 1Page - ON Semiconductor CS3706 Datasheet HTML 2Page - ON Semiconductor CS3706 Datasheet HTML 3Page - ON Semiconductor CS3706 Datasheet HTML 4Page - ON Semiconductor CS3706 Datasheet HTML 5Page - ON Semiconductor CS3706 Datasheet HTML 6Page - ON Semiconductor CS3706 Datasheet HTML 7Page - ON Semiconductor CS3706 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Part Number
Description
CS3706GNF16
16 Lead PDIP
(Internally Fused Leads)
D
Lead Count
Metric
English
Max
Min
Max
Min
16L PDIP
19.69
18.67
.775
.735
(Internally Fused Leads)
16 Lead PDIP
Thermal Data
(Internally Fused Leads)
RΘJC
typ
15
˚C/W
RΘJA
typ
50
˚C/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Ordering Information
ON Semiconductor and the ON Logo are trademarks of
Semiconductor Components Industries, LLC (SCILLC). ON
Semiconductor reserves the right to make changes without
further notice to any products herein. For additional infor-
mation and the latest available information, please contact
your local ON Semiconductor representative.
© Semiconductor Components Industries, LLC, 2000
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com