Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5132 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5132
Description  Dual Output CPU Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5132 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5132 Datasheet HTML 1Page - ON Semiconductor CS5132 Datasheet HTML 2Page - ON Semiconductor CS5132 Datasheet HTML 3Page - ON Semiconductor CS5132 Datasheet HTML 4Page - ON Semiconductor CS5132 Datasheet HTML 5Page - ON Semiconductor CS5132 Datasheet HTML 6Page - ON Semiconductor CS5132 Datasheet HTML 7Page - ON Semiconductor CS5132 Datasheet HTML 8Page - ON Semiconductor CS5132 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Block Diagram
UVLO
PGnd
+
-
DAC
VFFB2
-
+
0.25V
GATE(L)
COFF2
VFB2
LGnd
COMP2
OVP
PWRGD
VFB1
VFFB1
COFF1
VCC1
VCC2
-
+
VOUT2
Q
R
S
Fault
Latch2
VID1
VID2
VID3
VID4
VID0
+
-
S
Fault
Latch1
+
-
-
+
+
-
-
+
+
-
Off Time2
One Shot
+
-
1.06V
COMP1
GATE(H)
GATE
-
+
+
-
-
+
VOUT1
+
-
86mV
VCC1
+
-
-
+
86mV
Current
Limit1
EA1
PWM
COMP1
PWM
COMP2
1.23V
EA2
0.25V
Current
Limit2
PGnd
PGnd
PGnd
Non-overlap
Logic
-
+
1.10V
Off Time1
One Shot
Q
R
Discharge
Comparator
Discharge
Comparator
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Package Pin Description: continued
14
COFF2
Off-Time Capacitor Pin. A capacitor from this pin to LGnd sets the off
time for the non-synchronous regulator (VI/O).
13
COMP2
VI/O section error amp output. PWM comparator inverting input. A
capacitor to LGnd provides error amp compensation.
12
VOUT2
VI/O section current limit comparator inverting input.
11
VFB2
VI/O section error amp inverting feedback input.
10
VFFB2
VI/O PWM comparator fast feedback non-inverting input. VI/O sec-
tion current limit comparator non-inverting input.
9
LGnd
Logic ground.
7VFB1
VCORE section error amp inverting input, PWRGD and OVP compara-
tor input.
6VOUT1
VCORE section current limit comparator inverting input.
5
COMP1
VCORE section error amp output. VCORE section PWM comparator
inverting input. A capacitor to LGnd provides error amp compensa-
tion.
4COFF1
Off-Time Capacitor Pin. A capacitor from this pin to LGnd sets the off
time for the synchronous regulator (VCORE).
8VFFB1
VCORE section PWM comparator fast feedback non-inverting input.
VCORE section current limit comparator non-inverting input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com