Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7900A Datasheet(PDF) 6 Page - Micro Electronics

Part # SG7900A
Description  NEGATIVE FIXED VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG7900A Datasheet(HTML) 6 Page - Micro Electronics

  SG7900A Datasheet HTML 1Page - Micro Electronics SG7900A Datasheet HTML 2Page - Micro Electronics SG7900A Datasheet HTML 3Page - Micro Electronics SG7900A Datasheet HTML 4Page - Micro Electronics SG7900A Datasheet HTML 5Page - Micro Electronics SG7900A Datasheet HTML 6Page - Micro Electronics SG7900A Datasheet HTML 7Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SG7900A/SG7900 SERIES
05/01 Rev 1.5
LINFINITY Microelectronics Inc.
Copyright
 1999
11861 Western Avenue ∞
∞
∞
∞
∞ Garden Grove, CA 92841
6
(714) 898-8121 ∞
∞
∞
∞
∞FAX: (714) 893-2570
-15V NEGATIVE REGULATOR
ELECTRICAL SPECIFICATIONS (Note 1)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7915A/SG7915 with -55
°C ≤ T
A ≤ 150°C,
V
IN = -23V, IO = 500mA for the K and IG -Power Packages-, IO = 100mA for the T and L packages, CIN = 2µF, and COUT = 1.0µF. Low duty cycle pulse
testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
SG7915A/SG7915
Units
SG7915
Min.
Typ. Max.
Min.
Typ. Max.
SG7915A
Test Conditions
Parameter
T
J = 25°C
V
IN = -17.5V to -30V, TJ = 25°C
V
IN = -20V to -25V, TJ = 25°C
Power Pkgs: I
O = 5mA to 1.5A, TJ = 25°C
I
O = 250mA to 750mA, TJ = 25°C
T - Pkg: I
O = 5mA to 500mA, TJ = 25°C
V
IN = -18.5V to -30V
Power Pkgs: I
O = 5mA to 1.0A, P ≤ 20W
T - Pkg: I
O = 5mA to 500mA, P ≤ 2W
Over Temperature Range
T
J = 25°C
with Line: V
IN = -18.5V to -30V
with Load: I
O = 5mA to 1.0A (Power Packages)
I
O = 5mA to 500mA (T)
∆V
O = 100mV, TJ = 25°C
Power Pkgs: I
O = 1.0A, T - Pkg: IO = 500mA
Power Pkgs: T
J = 25°C
T - Pkg: T
J = 25°C
Power Pkgs: V
IN = -35V, TJ = 25°C
T - Pkg: V
IN = -35V, TJ = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
V
mV
mV
mV
mV
mV
V
V
mA
mA
mA
mA
mA
V
A
A
A
A
dB
µV/V
mV
°C
-15.6
150
75
150
75
240
-15.75
-15.75
4
3
1.0
0.5
0.5
2.3
3.3
1.4
1.2
0.6
80
-15.0
11
3
12
4
10
-15.00
-15.00
1.1
25
60
175
-14.4
-14.25
-14.25
1.5
0.5
54
-15.2
75
40
100
50
50
-15.4
-15.4
4
3
1.0
0.5
0.5
2.3
3.3
1.4
1.2
0.6
80
-15.0
5
3
30
4
10
-15.0
-15.0
1.1
25
60
175
-14.8
-14.6
-14.6
1.5
0.5
54
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing.
2. This test is guaranteed but is not tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com