| Electronic Components Datasheet Search |
|
SG1844J/883B Datasheet(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SG1844J/883B Datasheet(HTML) 3 Page - Microsemi Corporation |
|
3 / 12 page ![]() C URRENT -M ODE PWM C ONTROLLER SG1844/SG1845 Series PRODUCT DA T ABOOK 1996/1997 3 Copyright © 2000 Rev. 1.4 4/00 P RODUCTION D ATA S HEET ELECTRICAL CHARACTERISTICS (Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG1844/SG1845 with -55°C ≤ T A ≤ 125°C, SG2844/ SG2845 with -25°C ≤ T A ≤ 85°C, SG3844/SG3845 with 0°C ≤ TA ≤ 70°C, VCC = 15V (Note 7), RT = 10kΩ, and CT = 3.3nF. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.) Reference Section Parameter Symbol Test Conditions Output Voltage T J = 25°C, IO = 1mA Line Regulation 12 ≤ V IN ≤ 25V Load Regulation 1 ≤ I O ≤ 20mA Temperature Stability (Note 4) Total Output Variation (Note 4) Line, Load, Temp. Output Noise Voltage (Note 4) V N 10Hz ≤ f ≤ 10kHz, T J = 25°C Long Term Stability (Note 4) T A = 125°C, 1000hrs Output Short Circuit SG3844/45 Units Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. SG2844/45 4.95 5.00 5.05 4.95 5.00 5.05 4.90 5.00 5.10 V 620 6 20 620 mV 625 6 25 625 mV 0.2 0.4 0.2 0.4 0.2 0.4 mV/°C 4.90 5.10 4.90 5.10 4.82 5.18 V 50 50 50 µV 525 5 25 525 mV -30 -100 -180 -30 -100 -180 -30 -100 -180 mA Oscillator Section Initial Accuracy (Note 8) T J = 25°C Voltage Stability 12V ≤ V CC ≤ 25V Temperature Stability (Note 4) T MIN ≤ T A ≤ T MAX Amplitude V RT/CT (Peak to Peak) Discharge Current T J = 25°C T MIN ≤ TA ≤ TMAX Error Amp Section Input Voltage V COMP = 2.5V Input Bias Current Open Loop Gain A VOL 2 ≤ V O ≤ 4V Unity Gain Bandwidth (Note 4) T J = 25°C Power Supply Rejection Ratio PSRR 12 ≤ V CC ≤ 25V Output Sink Current V VFB = 2.7V, VCOMP = 1.1V Output Source Current V VFB = 2.3V, VCOMP = 5V V OUT High V VFB = 2.3V, RL = 15K to gnd V OUT Low V VFB = 2.7V, RL = 15K to VREF SG1844/45 47 52 57 47 52 57 47 52 57 kHz .021 0.21 0.21 % 55 5 % 1.7 1.7 1.7 V 7.8 8.3 9.1 7.5 8.4 9.3 7.5 8.4 9.3 mA 6.8 9.3 7.2 9.5 7.2 9.5 mA 2.45 2.50 2.55 2.45 2.50 2.55 2.42 2.50 2.58 V -0.3 -1 -0.3 1 -0.3 -2 µA 65 90 65 90 65 90 dB 0.7 1 0.7 1 0.7 1 MHz 60 70 60 70 60 70 dB 26 2 6 26 mA -0.5 -0.8 -0.5 -0.8 -0.5 -0.8 mA 56 5 6 56 V 0.7 1.1 0.7 1.1 0.7 1.1 V Supply Voltage Range Output Current (Peak) Output Current (Continuous) Analog Inputs (Pin 2, Pin 3) Error Amp Output Sink Current Oscillator Frequency Range Oscillator Timing Resistor R T Oscillator Timing Capacitor C T Operating Ambient Temperature Range: SG1844/45 SG2844/45 SG3844/45 RECOMMENDED OPERA TING CONDITIONS (Note 3) Parameter Symbol Units Recommended Operating Conditions Min. Typ. Max. 30 V ±1 A 200 mA 02.6 V 5mA 0.1 500 kHz 0.52 150 k Ω 0.1 1.0 µF -55 125 °C -25 85 °C 070 °C Note 3. Range over which the device is functional. (Electrical Characteristics continue next page.) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |