Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP009E Datasheet(PDF) 6 Page - Microsemi Corporation

Part # TCP009E
Description  DUAL ASYMETRICAL TRANSIENT SUPPRESSOR FOR XDSL AND DATA LINES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCP009E Datasheet(HTML) 6 Page - Microsemi Corporation

  TCP009E Datasheet HTML 1Page - Microsemi Corporation TCP009E Datasheet HTML 2Page - Microsemi Corporation TCP009E Datasheet HTML 3Page - Microsemi Corporation TCP009E Datasheet HTML 4Page - Microsemi Corporation TCP009E Datasheet HTML 5Page - Microsemi Corporation TCP009E Datasheet HTML 6Page - Microsemi Corporation TCP009E Datasheet HTML 7Page - Microsemi Corporation TCP009E Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 2
Copyright
 2000
MSC
1635.PDF 2000-12-04
TCP009E
TRANSIENT SUPPRESSOR FOR XDSL AND
DATA LINES
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
Note 1 : Pulse waveform :
10/1000
µs
tr=10
µs
tp=1000
µs
5/310
µs
tr=5
µs
tp=310
µs
2/10
µs
tr=2
µs
tp=10
µs
ELECTRICAL PARAMETERS @ 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note 1)
10/1000 µs
5/320 µs
2/10
µs
30
40
90
A
ITSM
Non repetitive surge peak on-state
current (F = 50 Hz).
tp = 10 ms
t = 1 s
8
3.5
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55 to + 150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
SO 8
170
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com