Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TL431
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431 Datasheet(HTML) 1 Page - Microsemi Corporation

  TL431 Datasheet HTML 1Page - Microsemi Corporation TL431 Datasheet HTML 2Page - Microsemi Corporation TL431 Datasheet HTML 3Page - Microsemi Corporation TL431 Datasheet HTML 4Page - Microsemi Corporation TL431 Datasheet HTML 5Page - Microsemi Corporation TL431 Datasheet HTML 6Page - Microsemi Corporation TL431 Datasheet HTML 7Page - Microsemi Corporation TL431 Datasheet HTML 8Page - Microsemi Corporation TL431 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DESCRIPTION
KEY FEA TURES
W INITIAL VOLTAGE REFERENCE ACCURACY OF
0.4% (TL431B)
W SINK CURRENT CAPABILITY 1mA to 100mA
W TYPICAL OUTPUT DYNAMIC IMPEDANCE
LESS THAN 200m
Ω;
TYPICAL OUTPUT IMPEDANCE OF THE
TL431B LESS THAN 100m
Ω
W ADJUSTABLE OUTPUT VOLTAGE FROM 2.5V
TO 36V
W AVAILABLE IN SURFACE-MOUNT PACKAGES
W LOW OUTPUT NOISE
W TYPICAL EQUIVALENT FULL RANGE
TEMPERATURE COEFFICIENT OF 30ppm/°C
W DIRECT PIN-TO-PIN REPLACEMENT FOR
INDUSTRY STANDARD TL431 AND TL1431
The TL431/TL431A/TL431B series
precision adjustable three terminal shunt
voltage regulators are pin-to-pin
compatible with the industry standard
TL431. The output voltage of this
reference is programmable by using two
external resistors from 2.5V to 36V.
These devices offer low output
impedance for improved load regulation.
The typical output impedance of these
devices is 200m
Ω. These devices find
application in the feedback path of
switching power supplies, OVP
crowbar circuits, reference for A/D,
D/A, and as zener diodes with
improved turn-on characteristics.
P RECISION P ROGRAMMABLE R EFERENCES
PRODUCT HIGHLIGHT
P ACKAGE ORDER INFORMA TION
T
A (°C)
Initial
Tolerance
Plastic SOIC
8-pin
DM
Plastic TO-92
3-pin
LP
2%
TL431CDM
TL431CLP
0 to 70
1%
TL431ACDM
TL431ACLP
0.4%
TL431BCDM
TL431BCLP
2%
TL431IDM
TL431ILP
-40 to 85
1%
TL431AIDM
TL431AILP
0.4%
TL431BIDM
TL431BILP
TL431/A
& TL431B
R1
R2
V
OUT
V
IN


R1
R2
V
O =
1 +
* VREF
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. TL431CDMT)
TO-92 (LP) package also available in ammo-pack.
P RECISION P ROGRAMMABLE R EFERENCES
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
TL431/TL431A/TL431B
Copyright © 1999
Rev. 1.3
9/99
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com