Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431BILP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # TL431BILP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431BILP Datasheet(HTML) 3 Page - Microsemi Corporation

  TL431BILP Datasheet HTML 1Page - Microsemi Corporation TL431BILP Datasheet HTML 2Page - Microsemi Corporation TL431BILP Datasheet HTML 3Page - Microsemi Corporation TL431BILP Datasheet HTML 4Page - Microsemi Corporation TL431BILP Datasheet HTML 5Page - Microsemi Corporation TL431BILP Datasheet HTML 6Page - Microsemi Corporation TL431BILP Datasheet HTML 7Page - Microsemi Corporation TL431BILP Datasheet HTML 8Page - Microsemi Corporation TL431BILP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCES
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.3
9/99
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS (Note 3)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for TL431C/TL431AC/TL431BC with 0°C
≤ T
A ≤ 70°C,
TL431I/TL431AI/TL431BI with -40°C
≤ T
A ≤ 85°C.)
Parameter
Symbol
Test Conditions
TL431/431A/431B
Units
Min. Typ. Max.
2440 2495 2550
mV
2470 2495 2520
mV
2490 2500 2510
mV
417
mV
530
mV
417
mV
530
mV
415
mV
520
mV
-1.4
-2.7
mV/V
-1.1
-2
mV/V
24
µA
1.5
1.9
µA
2.3
µA
0.4
1
mA
0.1
1
µA
0.1
1
µA
2µA
0.18
0.5
µA
0.2
0.5
Ω
0.1
0.2
Ω
Note 3. These parameters are guaranteed by design.
Note 4.
Ratio of change in reference input voltage
to the change in cathode voltage.
∆V
REF
∆V
KA
Reference Input Voltage
TL431
V
REF
I
K = 10mA, VKA = VREF, TA = 25°C
TL431A
I
K = 10mA, VKA = VREF, TA = 25°C
TL431B
I
K = 10mA, VKA = VREF, TA = 25°C
Reference Drift
TL431C
I
K = 10mA, VKA = VREF
TL431I
I
K = 10mA, VKA = VREF
TL431AC
∆V
REF
I
K = 10mA, VKA = VREF
TL431AI
∆V
KA
I
K = 10mA, VKA = VREF
TL431BC
I
K = 10mA, VKA = VREF
TL431BI
I
K = 10mA, VKA = VREF
Voltage Ratio, Ref to Cathode
TL431, TL431A
I
K = 10mA, VKA = 2.5V to 36V
(Note 4)
TL431B
I
K = 10mA, VKA = 2.5V to 36V
Reference Input Current
TL431,TL431A
I
REF
V
KA = VREF, TA = 25°C
TL431B
V
KA = VREF, TA = 25°C
V
KA = VREF, TA = Operating Range
Minimum Operating Current
I
MIN
V
KA = VREF to 36V
Off-State Cathode Current
TL431
I
OFF
V
KA = VREF to 36V, TA = 25°C
TL431A
V
KA = VREF to 36V, TA = 25°C
TL431B
V
KA = VREF to 36V, TA = Operating Range
V
KA = 36V, VREF = 0V, TA = 25°C
Dynamic Impedance
TL431
| Z
KA |VKA = VREF, IK = 1mA to 100mA, f ≤ 1kHz, TA = 25°C
TL431B
V
KA = VREF, IK = 1mA to 100mA, f ≤ 1kHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com