Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ13A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBJ13A
Description  UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ13A Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJ13A Datasheet HTML 1Page - Microsemi Corporation SMBJ13A Datasheet HTML 2Page - Microsemi Corporation SMBJ13A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - SMBJ13A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ13A JGD-SMBJ13A Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ13A DCCOM-SMBJ13A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ13A DIODES-SMBJ13A Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
logo
EIC discrete Semiconduc...
SMBJ13A EIC-SMBJ13A Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ13A GE-SMBJ13A Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ13A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-6-16 MINI-BDCA-6-16 Datasheet
107Kb / 1P
Surface Mount Bi-Directional Coupler
BDCA-7-25 MINI-BDCA-7-25 Datasheet
107Kb / 1P
Surface Mount Bi-Directional Coupler
logo
EIC discrete Semiconduc...
P6SMA480A EIC-P6SMA480A Datasheet
68Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
logo
WILLAS ELECTRONIC CORP
VGFM5.0A-FN5 WILLAS-VGFM5.0A-FN5 Datasheet
289Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-5.0V
logo
Diodes Incorporated
SD05-7 DIODES-SD05-7 Datasheet
181Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
Rev erse
logo
Central Semiconductor C...
CMNTVS5V0 CENTRAL-CMNTVS5V0 Datasheet
911Kb / 4P
SURFACE MOUNT SILICON UNI-DIRECTIONAL
CMNTVS12V CENTRAL-CMNTVS12V Datasheet
917Kb / 4P
SURFACE MOUNT SILICON UNI-DIRECTIONAL
logo
Bruckewell Technology L...
SMCJ200A-440A BWTECH-SMCJ200A-440A Datasheet
200Kb / 2P
SURFACE MOUNT UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SD32 EIC-SD32 Datasheet
57Kb / 1P
SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com