Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91321 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91321
Description  Bulkhead Push-On SMA Male to SMA Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91321 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91321 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91321 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91321 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
Push-On SMA Male
Impedance 1
50 Ohms
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 18 GHz
Maximum VSWR
1.23:1
Maximum Operating Voltage, Volts
335
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.12:1
Frequency 2
Frequency, GHz
6 to 18
VSWR
1.23:1
Mechanical Specifications
Size
Length, in [mm]
0.795 [20.19]
Width/Dia., in [mm]
0.376 [9.55]
.
Connector 1
Type
Push-On SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Teflon
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
30µ in. minimum
Hex Size, Inch
3/8
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead Push-On SMA Male to SMA Female Bulkhead Adapter PE91321
PE91321
PE91321 REV 1.0
Bulkhead Push-On SMA Male to SMA Female Bulkhead Adapter


Similar Part No. - PE91321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9132 PASTERNACK-PE9132 Datasheet
236Kb / 2P
SMB Jack to BNC Male Adapter
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
PE91325 PASTERNACK-PE91325 Datasheet
345Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
PE91327 PASTERNACK-PE91327 Datasheet
344Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter MIL-STD-202
PE91328 PASTERNACK-PE91328 Datasheet
476Kb / 5P
UHF Male to BNC Female Adapter
More results

Similar Description - PE91321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9184NH PASTERNACK-PE9184NH Datasheet
363Kb / 4P
Bulkhead Mount SMA Female to SMA Female Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE91336 PASTERNACK-PE91336 Datasheet
354Kb / 3P
Push-On SMA Male to SMA Female Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-SSB-G LINX-ADP-SMAF-SMAF-SSB-G Datasheet
210Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, SEALED BULKHEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com