Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPF1N50 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPF1N50
Description  SURFACE MOUNT N CHANNEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPF1N50 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPF1N50 Datasheet HTML 1Page - Microsemi Corporation UPF1N50 Datasheet HTML 2Page - Microsemi Corporation UPF1N50 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi
Watertown Division
580 Pleasant Street, Watertown, MA. 02472, 617-926-0404, Fax: 617-924-1235
Page 2
Copyright
 2000
MSC1541.PDF 2000-08-08
W A T E R T O W N DI V I S I ON
UPF1N50
SURFACE MOUNT N CHANNEL MOSFET
PRELIMINARY
STATIC EL ECTRICA L CH
STATIC EL ECTRICA L CH
STATIC EL ECTRICA L CH
STATIC EL ECTRICA L CH ARACT ERIS TIC S
ARACT ERIS TIC S
ARACT ERIS TIC S
ARACT ERIS TIC S
UPF1N50
SYMBOL
CHARACTERISTICS / TEST CONDITIONS
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
(VGS=0V, ID=0.25mA)
500
Volts
VGS(TH)2
Gate Threshold Voltage
(VDS
≥VGS, ID=1mA, TJ=37°C )
2.0
3.4
4.0
Volts
VGS(TH)1
Gate Threshold Voltage
(VDS
≥VGS, ID=1mA, TJ=25°C )
3.5
Volts
RDS(ON)1
Drain to Source ON-State Resistance
(VGS=10V, ID=1.0A , TJ=25
°C )
2.7
3.5
Ohms
IDSS1
Zero Gate Voltage-Drain Current
(VDS=400V,VGS=0V,TJ= 25
°C )
2
uA
IDSS2
Zero Gate Voltage-Drain Current
(VDS=400V,VGS=0V,TJ=125
°C )
250
uA
IGSS1
Gate to Source Leakage Current
(VGS=
±20V, VDS=0V, TJ = 25°C )
±100
nA
STATIC EL ECTRICA L CH
STATIC EL ECTRICA L CH
STATIC EL ECTRICA L CH
STATIC EL ECTRICA L CH ARACT ERIS TIC S
ARACT ERIS TIC S
ARACT ERIS TIC S
ARACT ERIS TIC S
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Min
Typ
Max
UNIT
Ciss
Coss
Input Capacitance
Output Capacitance
VGS= 0 V
VDS= 50 V
200
30
250
50
pF
pF
Crss
Reverse Transfer Capacitance
f = 1MHZ
15
20
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS= 10 V
VDS= 0.5 VDSS
ID= 10 mA
20
1.0
10
nC
nC
nC
td (on)
Turn-ON Delay Time
Resistive Switching (25
°C)
20
ns
tr
Rise Time
VGS= 10 V, VDS= 0.5 BVDSS
10
ns
td
Turn-OFF Delay Time
ID = 20 mA
30
ns
tf
Fall Time
Rg = 1.6
Ω
30
us
VSD
Diode Forward Voltage
VGS= 0 V, IS = 1 A, TJ = 25
°C
0.85
1.2
V
trr
Reverse Recovery Time
IS = 1 A, dIs/dt = 100 A/us
150
ns
Qrr
Reverse Recovery Charge
IS = 1 A, dIs/dt = 100 A/us
0.8
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com