Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPFS320P Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPFS320P
Description  SURFACE MOUNT P . CHANNEL MOSKEY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPFS320P Datasheet(HTML) 2 Page - Microsemi Corporation

  UPFS320P Datasheet HTML 1Page - Microsemi Corporation UPFS320P Datasheet HTML 2Page - Microsemi Corporation UPFS320P Datasheet HTML 3Page - Microsemi Corporation UPFS320P Datasheet HTML 4Page - Microsemi Corporation UPFS320P Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC 02-17-00
PRELIMINARY
UPFS320P
Electrical Characteristics at 25°C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Symbol
Parameter
Conditions
Min Typ Max
Units
OFF CHARACTERISTICS
BVKSS
Cathode-Source Breakdown Voltage VGS= 0V; IK = 250uA
20
V
IKSSF
Zero Gate Voltage Cathode Current:
Forward
VKS= -16V, VGS = 0V
1
uA
IKSSR
Zero Gate Voltage Cathode
Current:Reverse
VKS= +16V, VGS = 0V
1.5
mA
IGSS
Gate-Body Leakage Current
VGS= +/- 8V, VDS = 0V
100
nA
ON CHARACTERISTICS (pulsed 500us max, duty cycle < 2%)
VGS(TH)
Gate Threshold Voltage
VDS > VGS; IK = 250uA
0.4
0.6
1
V
DELTA
VGS(TH)/
TJ
Gate Threshold Voltage Temp
Coefficient
IK = 250uA, Reference to 25C
2.1
mV/C
VKS (ON) Static Cathode-Source On Voltage
VGS = 4.5 V; IK = 3A
700
mV
VKS (ON) Static Cathode-Source On Voltage
VGS = 4.5 ; IK = 1A
400
mV
IK(ON)
On State Cathode Current
VGS = 4.5 V; VKS = 5V
10
A
Gfs
Forward Transconductance
VDS = 10 V; IK = 3 A
6.5
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VKS = 10 V; VGS = 0V, F = 1MHz
700
pF
Coss
Output Capacitance
VKS = 10 V; VGS = 0V, F = 1MHz
270
pF
Crss
Reverse Transfer Capacitance
VKS = 10 V; VGS = 0V, F = 1MHz
100
pF
SWITCHING CHARACTERISTICS
Td(ON)
Turn On Delay Time
VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6
Ω
Ω
Ω
Ω
816
ns
Tr
Turn On Rise Time
VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6
Ω
Ω
Ω
Ω
24
38
ns
Td(OFF)
Turn Off Delay time
VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6
Ω
Ω
Ω
Ω
50
80
ns
Tf
Turn Off Fall time
VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6
Ω
Ω
Ω
Ω
29
45
ns
Qg
Total Gate Charge
VDS = 5V, IK = 3A, VGS = 4.5V
9.5
13
nC
Qgs
Gate-Source Charge
VDS = 5V, IK = 3A, VGS = 4.5V
1.3
nC
Qgd
Gate-Cathode Charge
VDS = 5V, IK = 3A, VGS = 4.5V
2.2
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com