Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSL36 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # LSL36
Description  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL36 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  LSL36 Datasheet HTML 1Page - GOOD-ARK Electronics LSL36 Datasheet HTML 2Page - GOOD-ARK Electronics LSL36 Datasheet HTML 3Page - GOOD-ARK Electronics LSL36 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LSL36
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 3A
www.goodark.com
4/4
2014.05-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under
any intellectual property rights or any other rights belonging to Suzhou Good Ark Electronics Co
any intellectual propertyrights, or any other rights, belonging to Suzhou Good-Ark Electronics Co.,
Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement
of any third-party’s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs
and algorithms represents information on products at the time of publication of these materials, and
are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou
Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the
latest product information before purchasing a product listed herein. The information described
here ma contain technical inacc racies or t pographical errors Sho Good Ark Electronics Co
here may contain technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co.,
Ltd. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies
or errors. Please also pay attention to information published by Suzhou Good-Ark Electronics Co.,
Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
d
i
h l
i
t th
t i l
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details
on these materials or the products contained herein.
www.goodark.com
4/4
2014.05-Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com