Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSL3B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LSL3B
Description  Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL3B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LSL3B Datasheet HTML 1Page - GOOD-ARK Electronics LSL3B Datasheet HTML 2Page - GOOD-ARK Electronics LSL3B Datasheet HTML 3Page - GOOD-ARK Electronics LSL3B Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSL3B
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 3A
www.goodark.com
1/4
2015.08-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
IF=1A, TA=25℃
IF=2A, TA=25℃
IF=3A, TA=25℃
IF=3A, TA=100℃
TA=25℃
TA=100℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to lead
RθJL
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LSL3B
Unit
Maximum repetitive peak reverse voltage
100
Maximum RMS voltage
70
Maximum DC blocking voltage
100
Maximum average forward rectified current at TL
(See Fig.1)
3.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Volts
-
0.62
0.70
-
Instantaneous forward voltage
VF
-
0.53
0.60
0.68
0.75
-
0.59
-
mA
20
140
20
Maximum DC reverse current
at rated DC blocking voltage
IR
0.2
eSGB (SMAF)


Similar Part No. - LSL3B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL32A GOOD-ARK-LSL32A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
LSL33A GOOD-ARK-LSL33A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
LSL34 GOOD-ARK-LSL34 Datasheet
265Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - LSL3B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS1BH GOOD-ARK-FS1BH_15 Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS37 GOOD-ARK-LS37 Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 70~100V Forward Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com