Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-2A Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # ST-2A
Description  High-Performance LED(FM and Baseband Video)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ST-2A Datasheet(HTML) 2 Page - Mitel Networks Corporation

  ST-2A Datasheet HTML 1Page - Mitel Networks Corporation ST-2A Datasheet HTML 2Page - Mitel Networks Corporation ST-2A Datasheet HTML 3Page - Mitel Networks Corporation ST-2A Datasheet HTML 4Page - Mitel Networks Corporation ST-2A Datasheet HTML 5Page - Mitel Networks Corporation ST-2A Datasheet HTML 6Page - Mitel Networks Corporation ST-2A Datasheet HTML 7Page - Mitel Networks Corporation ST-2A Datasheet HTML 8Page - Mitel Networks Corporation ST-2A Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
880nm
1A277A
High-Performance LED
Core Diameter/Cladding Diameter
Numerical Aperture
50/125 m
62.5/125 m
100/140 m
200/230 m
0.20
0.275
0.29
0.37
Table 1
Typical Fiber-Coupled Power
45 W
130 W
225 W
300 W
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
z - AXIAL DISPLACEMENT OF FIBER
0
20
40
60
80
100
%
0.5
1.0
1.5
2.0
2.5
3.0 mm
r
r = opt.
Øc = 62.5ʵm
z
0
20
40
60
80
100
%
0
20
40
60
80
100 µm
r
z = opt.
Øc = 62.5ʵm
z
r - RADIAL DISPLACEMENT OF FIBER
FORWARD VOLTAGE
mA
200
100
0
0
1
2
3
V
0
20
40
60
80
100
%
0
40
80
120
160
200 mA
FORWARD CURRENT
50% DUTY CYCLE
DC
HEAT SINKED
mW
300
200
100
0
0
50
100
150¡C
NO HEAT SINK
OPERATING TEMPERATURE
INFINITE
HEAT SINK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com