Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CC4
Description  Thin Film 0510 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC4 Datasheet(HTML) 1 Page - Vishay Siliconix

  CC4 Datasheet HTML 1Page - Vishay Siliconix CC4 Datasheet HTML 2Page - Vishay Siliconix CC4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC4-
www.vishay.com
Vishay Electro-Films
Revision: 27-May-13
1
Document Number: 61004
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film 0510 Size Resistor on Alumina
Product may not be to scale
The CC4- series single-value resistor chips offer increased
power in larger size, low shunt capacitance and solder pad
option. The CC4- nichrome resistors material offers
excellent stability.
The
CC4-
resistors
are
manufactured
using
Vishay
Electro-Films (EFI) sophisticated thin film equipment and
manufacturing technology. The CC4- resistors are 100 %
electrically tested and visually inspected to MIL-STD-883,
method 2032 class H or K.
FEATURES
• Wire bondable
• Chip size: 0.050" x 0.100"
• Case: 0510
• Resistance range: 50
 to 400 k
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistor material: Nichrome
• Resistor passivation coat optional
• Tolerances to 0.05 %
• Solder pad optional
• Material categorization:
For definitions
of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
Vishay
EFI
CC4-
chip
resistors
provide
excellent
high-frequency
response
and
are
ideally
suited
for
prototyping. Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environments where die is not
exposed to moisture.
Available
Available
Available
Available
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Resistance Range
50 to 400K
Tolerances
± 0.05, ± 0.1
%
TCR
± 10, ± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106 - Hermetic
Applications
± 0.2 max.
R/R
%
Stability, 1000 h, + 125 °C, 175 mW
± 0.1 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.1 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 125 °C (Derated to Zero at + 150 °C)
0.175 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
50
Ω
150
Ω
200 k
Ω
400 k
Ω
± 100 ppm/°C
± 50 ppm/°C
± 25 ppm/°C
0.05 %
0.1 %
Tightest Standard Tolerance Available
± 10 ppm/°C


Similar Part No. - CC4

ManufacturerPart #DatasheetDescription
logo
ABB
CC4-01 ABB-CC4-01 Datasheet
973Kb / 3P
AF09 ... AF38 3-pole Contactors
CC4-01 ABB-CC4-01 Datasheet
45Kb / 2P
CC4-01 Lagging Auxiliary Contact Block
CC4-10 ABB-CC4-10 Datasheet
973Kb / 3P
AF09 ... AF38 3-pole Contactors
CC4-10 ABB-CC4-10 Datasheet
45Kb / 2P
CC4-10 Leading Auxiliary Contact Block
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
More results

Similar Description - CC4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Ohmite Mfg. Co.
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
Thick film on Alumina
logo
Vishay Siliconix
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com