Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-2A Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # FC-2A
Description  High-Performance LED(FM and Baseband Video)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

FC-2A Datasheet(HTML) 1 Page - Mitel Networks Corporation

  FC-2A Datasheet HTML 1Page - Mitel Networks Corporation FC-2A Datasheet HTML 2Page - Mitel Networks Corporation FC-2A Datasheet HTML 3Page - Mitel Networks Corporation FC-2A Datasheet HTML 4Page - Mitel Networks Corporation FC-2A Datasheet HTML 5Page - Mitel Networks Corporation FC-2A Datasheet HTML 6Page - Mitel Networks Corporation FC-2A Datasheet HTML 7Page - Mitel Networks Corporation FC-2A Datasheet HTML 8Page - Mitel Networks Corporation FC-2A Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
12249.12 1994-09-20
880nm 1A277A
High-Performance LED
FM and Baseband Video
0.6
14
Ø1.5
Ø4.7
3.7
0.4
5.4
2.5
CASE
ANODE
CATHODE
BOTTOM VIEW
The anode is in electrical contact with the case.
TO-46 Package With Lens
Absolute Maximum Ratings
Fiber:
62.5/125 m
Graded
Index
NA=0.275
Optical and Electrical Characteristics (25°C Case Temperature)
Note 1: Measured at the exit of 100 meters of fiber
Note 2: Transient decline in optical power due to self-heating.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber 100 130
W
IF=100mA
(Fig.1, 2,& 3) (Table 1)
(Note 1)
Rise and Fall Time
tr,tf
1.5
2
ns
IF=100mA
(10-90%)
(no bias)
Bandwidth
fc
250
MHz
IF=100 mA
(3dBel)
Harmonic Distortion
-H2
40
dB
IF=100 mA
(nonlinearity)
m=0.8
-H3
50
dB
f=10 MHz
Thermal Droop
l Pl
4%
IF=100 mA
(nonlinearity) (Note 2)
Peak Wavelength
p
860
880
900
nm
IF=100 mA
Spectral Width (FWHM)
60
nm
IF=100 mA
Forward Voltage (Fig.5)
VF
1.8
2.2
V
IF=100 mA
Reverse Current
IR
20
A
VR=1V
Capacitance
C
250
pF
VR= 0V, f=1 MHz
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to +125 C
Operating Temperature
Top
-55 to +125 C
Electrical Power Dissipation
Ptot
250 mW
Continuous Forward Current (f 10 kHz)
IF
110 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
180 mA
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
Thermal Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthjc
100
C/W
Thermal Resistance - No Heat Sink
Rthja
400
C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.6
%/ C
Temperature Coefficient -Wavelength
d /dTj
0.3
nm/ C
The low harmonic distortion and low
thermal droop makes this device ideal
for subcarrier FM and baseband video
applications. Video transmission can
be accomplished with minimum dis-
tortion. The double-lens optical sys-
tem provides for optimum coupling of
power into the fiber.


Similar Part No. - FC-2A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
FC-2A MITEL-FC-2A Datasheet
193Kb / 10P
High-Performance LED(Baseband Video)
FC-2A MITEL-FC-2A Datasheet
182Kb / 9P
High-Performance LED(Baseband Video)
More results

Similar Description - FC-2A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A184A MITEL-1A184A Datasheet
196Kb / 10P
High-Performance LED(FM Video)
1A255 MITEL-1A255 Datasheet
193Kb / 10P
High-Performance LED(Baseband Video)
1A284 MITEL-1A284 Datasheet
52Kb / 3P
High-Performance LED(Baseband Video)
1A359 MITEL-1A359 Datasheet
182Kb / 9P
High-Performance LED(Baseband Video)
logo
List of Unclassifed Man...
1A302 ETC-1A302 Datasheet
46Kb / 2P
High-Performance LED FM Video
logo
Silicon Laboratories
SI4613-A10 SILABS-SI4613-A10 Datasheet
985Kb / 3P
Low-Power, High-Performance AM/FM HD Radio Baseband Processor
logo
Skyworks Solutions Inc.
SI4613-A10 SKYWORKS-SI4613-A10 Datasheet
695Kb / 3P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
September 12, 2021
SI4693 SKYWORKS-SI4693 Datasheet
826Kb / 5P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
December 6, 2021
SI4694 SKYWORKS-SI4694 Datasheet
777Kb / 7P
High-Performance DRM30 Baseband Coprocessor
November 9, 2021
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com