Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPW
Description  Wirewound Resistors, Commercial Power, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPW Datasheet(HTML) 1 Page - Vishay Siliconix

  CPW Datasheet HTML 1Page - Vishay Siliconix CPW Datasheet HTML 2Page - Vishay Siliconix CPW Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPW, CPWN
www.vishay.com
Vishay Dale
Revision: 09-Jan-12
1
Document Number: 30216
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power, Axial Lead
FEATURES
• High power to size ratio
• Ceramic cases are available with circuit board
stand-offs (designated with a -3 model ending)
• Superior surge capability
• Complete welded construction
• Available in non-inductive styles with Aryton-
Perry winding (CPWN in lieu of CPW, maximum
resistance is one-half CPW range)
• Special
inorganic
potting
compound
and
ceramic case provide high thermal conductivity
in a fireproof package
• Compliant to RoHS Directive 2002/95/EC
Notes
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING P40 °C
W
RESISTANCE RANGE
TOLERANCE
± %
WEIGHT (typical)
g
CPW02
CPW-2
2
0.1 to 7K
1, 2, 3, 5
2.0
CPW02...3
CPW-2-3
2
0.1 to 7K
1, 2, 3, 5
2.2
CPW03
CPW-3
3
0.1 to 7.5K
1, 2, 3, 5
3.4
CPW03...3
CPW-3-3
3
0.1 to 7.5K
1, 2, 3, 5
3.6
CPW05
CPW-5
5
0.1 to 8.5K
1, 2, 3, 5
4.8
CPW05...3
CPW-5-3
5
0.1 to 8.5K
1, 2, 3, 5
5.0
CPW07
CPW-7
7
0.1 to 18K
1, 2, 3, 5
6.8
CPW07...3
CPW-7-3
7
0.1 to 18K
1, 2, 3, 5
7.0
CPW10
CPW-10
10
0.12 to 30K
1, 2, 3, 5
9.5
CPW10...3
CPW-10-3
10
0.12 to 30K
1, 2, 3, 5
9.9
CPW15
CPW-15
15
0.12 to 30K
1, 2, 3, 5
16.8
CPW15...3
CPW-15-3
15
0.12 to 30K
1, 2, 3, 5
17.4
CPW20
CPW-20
20
0.18 to 45K
1, 2, 3, 5
22.8
CPW20...3
CPW-20-3
20
0.18 to 45K
1, 2, 3, 5
23.6
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPW RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 30 for 10
 and above; ± 50 for 1.0  to 9.9 ; ± 90 for 0.5  to 0.99 
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
- 65 to + 275
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
1000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CPW0515R00JB313
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Standard Electrical
Specifications Global
Model column for
options)
R = Decimal
K = Thousand
R1500 = 0.15
1K500 = 1500
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E14 = Lead (Pb)-free bulk
E31 = Lead (Pb)-free four layer bulk
E01 = Lead (Pb)-free skin pack
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
B14 = Tin/lead bulk
B31 = Tin/lead four layer bulk
J01 = Tin/lead skin pack
Historical Part Numbering example: CPW-5-3 15
 5 % B31
CPW-5-3
15
5 %
B31
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
P
W
05
15
R
00
J
B
3
1
C
3


Similar Part No. - CPW

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CPW CAMDENBOSS-CPW Datasheet
679Kb / 2P
Push-in fast connectors
logo
Cree, Inc
CPW2-0600-S006B CREE-CPW2-0600-S006B Datasheet
230Kb / 3P
Silicon Carbide Schottky Diode Chip
CPW2-0600-S008B CREE-CPW2-0600-S008B Datasheet
227Kb / 3P
Silicon Carbide Schottky Diode Chip
logo
WOLFSPEED, INC.
CPW2-0600-S008B WOLFSPEED-CPW2-0600-S008B Datasheet
225Kb / 3P
Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
logo
Cree, Inc
CPW2-0600-S010B CREE-CPW2-0600-S010B Datasheet
325Kb / 4P
Silicon Carbide Schottky Diode Chip
More results

Similar Description - CPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CP00101R000JE14 VISHAY-CP00101R000JE14 Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
24-Feb-12
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com