Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSR
Description  Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSR Datasheet(HTML) 1 Page - Vishay Siliconix

  GSR Datasheet HTML 1Page - Vishay Siliconix GSR Datasheet HTML 2Page - Vishay Siliconix GSR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GSR
www.vishay.com
Vishay Angstrohm
Revision: 19-Nov-12
1
Document Number: 66004
For technical questions, contact: fff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors,
Hermetically-Sealed, Precision, Industrial
MECHANICAL SPECIFICATIONS
Termination: Vishay Angstrohm GSR resistors use gold-
plated nickel leads, which are both solderable and weldable
(hot solder dip is available as an option).
FEATURES
• Hermetic glass enclosure is impervious to harmful
environments
• Inert gas filled
• Low noise (- 40 dB)
• Low TCR (down to 15 ppm/°C)
Note
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
Note
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
MAXIMUM WORKING
VOLTAGE (1)
V
TEMPERATURE
COEFFICIENT
± ppm/°C
TOLERANCE
± %
RESISTANCE
RANGE
P70 °C
W
P125 °C
W
GSR55
0.125
0.10
200
15, 25, 50
0.05, 0.1, 0.5, 1
10 to 2.5M
GSR57
0.25
0.125
250
15, 25, 50
0.05, 0.1, 0.5, 1
10 to 1M
GSR60
0.25
0.125
250
15, 25, 50
0.05, 0.1, 0.5, 1
10 to 3M
GSR65
0.50
0.25
300
15, 25, 50
0.05, 0.1, 0.5, 1
10 to 10M
GSR70
0.75
0.50
350
15, 25, 50
0.05, 0.1, 0.5, 1
10 to 10M
GSR75
2.0
1.0
750
15, 25, 50
0.05, 0.1, 0.5, 1
10 to 5M
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: GSR55E49R900BMR (preferred part number format)
GLOBAL
MODEL
TEMPERATURE
COEFFICIENT
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
(see Standard
Electrical
Specifications
table)
X = 15 ppm
E = 25 ppm
H = 50 ppm
R =
K = k
M = M
10R000 = 10
49R900 = 49.9
680K00 = 680 k
1M0000 = 1.0 M
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
MR = Foil bag (55, 57, 60)
MS = Foil bag (65, 70, 75)
CS = Reel (55, 57, 60)
CT = Reel (65, 70, 75)
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
Historical Part Numbering: GSR55E49R9B (will continue to be accepted)
GSR55
E
49R9
B
HISTORICAL MODEL
TEMPERATURE
COEFFICIENT
RESISTANCE
VALUE
TOLERANCE
CODE
P x R
55
E
4
R
9
0
9
SR
0B
M
G
R


Similar Part No. - GSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GSR-101 ETC2-GSR-101 Datasheet
110Kb / 3P
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
logo
GSR Technology Ltd
GSR-102PW GSR-GSR-102PW Datasheet
523Kb / 2P
10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
GSR-102PW-A1 GSR-GSR-102PW-A1 Datasheet
523Kb / 2P
10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
logo
List of Unclassifed Man...
GSR-128 ETC2-GSR-128 Datasheet
110Kb / 3P
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
GSR-149 ETC2-GSR-149 Datasheet
110Kb / 3P
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
More results

Similar Description - GSR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
HM55EK-1R00-FB RCD-HM55EK-1R00-FB Datasheet
30Kb / 1P
HERMETIC SEALED PRECISION METAL FILM RESISTORS
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
Metal Film Resistors, Industrial, Precision
02-May-13
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
09-Sep-13
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
Metal Film Resistors, Industrial, Precision
24-Apr-14
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
Metal Film Resistors, Non-Magnetic, Industrial, Precision
23-Apr-14
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
HMS VISHAY-HMS Datasheet
103Kb / 2P
Metal Film Resistors, Hermetically-Sealed, Precision, Matched Sets
22-Feb-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com