Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HPS
Description  High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPS Datasheet(HTML) 1 Page - Vishay Siliconix

  HPS Datasheet HTML 1Page - Vishay Siliconix HPS Datasheet HTML 2Page - Vishay Siliconix HPS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HPS
www.vishay.com
Vishay Sfernice
Revision: 01-Aug-13
1
Document Number: 52015
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Ohmic Value (up to 1.5 G
), High Power Resistors
(up to 10 W at 25 °C) Thick Film
FEATURES
• RoHS for most values, please consult us
• High ohmic values up to 1.5 G
• Power rating up to 10 W at + 25 °C
• Molded or coated
• Ceramic core
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MARKING
GEKA trade-mark, series, style, nominal resistance (in
), tolerance (in %), letter P for TCR ± 150 ppm/°C, manufacturing date.
Because of lack of space, small styles are marked with ohmic value (in
), tolerance (in %) and letter P.
DIMENSIONS in millimeters
SERIES
AND
STYLE
AØ B
Ø E ± 0.1
WEIGHT
g
FINISH
HPS58
6.5 ± 0.2
2.4 ± 0.1
0.6
0.24
molded
HPS63
10 ± 0.2
3.7 ± 0.1
0.29
HPS68
15 ± 0.2
5.6 ± 0.3
0.8
0.67
HPS523
23 ± 2.3
5 ± 0.3
1.23
coated
HPS923
23 ± 2.5
9 ± 0.5
4.60
HPS932
32 ± 2.5
9 ± 0.5
5.27
HPS947
47 ± 2.5
9 ± 0.5
7.18
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P25 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CRITICAL
RESISTANCE
(
)
CLIMATIC
CATEGORY
HPS58
200 to 100M
1
300
0.5, 1, 2, 5, 10
150
90K
- 55 °C/
+ 200 °C/
56 days
HPS63
200 to 175M
2
700
0.5, 1, 2, 5, 10
150
245K
HPS68
300 to 400M
3
1500
0.5, 1, 2, 5, 10
150
750K
HPS523
800 to 650M
4
2000
0.5, 1, 2, 5, 10
150
1M
HPS923
1K to 1G
6
2500
0.5, 1, 2, 5, 10
150
1.041M
HPS932
1K to 1G
8
5000
0.5, 1, 2, 5, 10
150
3.125M
HPS947
2K to 1.5G
10
8000
0.5, 1, 2, 5, 10
150
6.4M
ORDERING INFORMATION
HPS
68
50 M
10 %
150 ppm/°C
BL20
e1
MODEL
SIZE
OHMIC VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
PACKAGING
LEAD (Pb)-FREE
A
L max.
4
4
A
MOLDED
COATED
25 min.
25 min.
25 min.
25 min.
Ø E
Ø a ± 0.02
Ø B
Ø E
Ø B
45° chamfer
max. 0.25 mm deep


Similar Part No. - HPS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
Panel-Mount Fuseholder with Bayonet-type Knob
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
logo
Heyco.
HPS HEYCO-HPS Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Ashcroft, Inc.
HPS ASHCROFT-HPS Datasheet
771Kb / 4P
HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
RevA_02-10-22
logo
ams AG
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
Automotive Hydrogen Sensor
More results

Similar Description - HPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
Molded Metal Film High Ohmic Value Resistors
05-Aug-13
logo
Welwyn Components Limit...
GC55 WELWYN-GC55 Datasheet
121Kb / 2P
High Value Thick Film Resistors
logo
Vishay Siliconix
HTS VISHAY-HTS Datasheet
91Kb / 3P
High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
01-Aug-13
HVR25 VISHAY-HVR25 Datasheet
132Kb / 7P
High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
26-May-14
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
05-Aug-13
RCVE3 VISHAY-RCVE3 Datasheet
96Kb / 5P
High Voltage (up to 0.5 kV) Thick Film Chip Resistors
27-Mar-13
logo
TT Electronics.
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
High Value Thick Film Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW15W WALSIN-WW15W Datasheet
330Kb / 6P
Thick Film High Power Low Ohm Chip Resistors
logo
Vishay Siliconix
RCVAT-E3 VISHAY-RCVAT-E3 Datasheet
119Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
25-Jun-2020
RCV-ATE3 VISHAY-RCV-ATE3 Datasheet
127Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
05-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com