Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9040 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation ACE9040 Datasheet HTML 11Page - Mitel Networks Corporation ACE9040 Datasheet HTML 12Page - Mitel Networks Corporation ACE9040 Datasheet HTML 13Page - Mitel Networks Corporation ACE9040 Datasheet HTML 14Page - Mitel Networks Corporation ACE9040 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
ACE9040
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
Handsfree Rectifiers
Attack time
1
ms
Capacitors to GND =
Decay time
35
ms
68 nF at TXC & RXC pins
TX nominal output levels:
V
DD = 3.75 V
d.c. offset
0.3
0.5
V
Input at IPS = 0 mVrms
a.c. level
1.4
1.5
1.6
V
Input at IPS = 40 mVrms, 1 kHz
INPSENSE = 0 dB, HFS = 0
HFP = 1
RX nominal output levels:
V
DD = 3.75 V
d.c. offset
0.3
0.5
V
Input at HFGIN = 0 mVrms
a.c. level
1
1.1
1.2
V
Input at HFGIN = 100 mVrms, 1 kHz
HFS =1, HFP = 1
Voltage Outputs
DEC & BIAS output voltage
1.70
(V
DD-VSS)/2
1.9
V
V
DD = 3.6 V, 3.3 µF decoupling to
GND at DEC pin
Microphone Bias:
Source 1 mA
2.7
2.9
V
MLI = 0, MIS = 1, V
DD = 3.6 V
Sink 1 mA
2.7
2.9
V
MLI = 0, MIS = 1, PD = 0
Microphone disabled
– 0.1
0.10
V
MLI = 0, MIS = 0
External Reference Resistor
100
k
Ω
V
DD = 4.85 V
connected from pin RREF to GND
68
k
Ω
V
DD = 3.75 V
Bandgap at BGAP
1.10
1.35
V
LVN Supply Voltage Comparator
Default condition
V
DD = 3.6 V
– 10
10
µA
(high at V
DD – 0.2 V)
V
DD = 3.1 V
2.00
20.0
mA
(low at 0.4 V)
LVN comparator operating lower limit
1
V
of V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com