Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2010 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # GP2010
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2010 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button GP2010 Datasheet HTML 8Page - Mitel Networks Corporation GP2010 Datasheet HTML 9Page - Mitel Networks Corporation GP2010 Datasheet HTML 10Page - Mitel Networks Corporation GP2010 Datasheet HTML 11Page - Mitel Networks Corporation GP2010 Datasheet HTML 12Page - Mitel Networks Corporation GP2010 Datasheet HTML 13Page - Mitel Networks Corporation GP2010 Datasheet HTML 14Page - Mitel Networks Corporation GP2010 Datasheet HTML 15Page - Mitel Networks Corporation GP2010 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
GP2010
12
TYPICAL CHARACTERISTICS OF THE GP2010 GPS RECEIVER RF FRONT-END
The GP2010 has been characterised to guarantee reliable operation over the Industrial Temperature range (-40
°C -> +85°C
ambient). This was achieved by setting the device case temperature to extremes of +110
°C and -50°C.
The following charts show the typical variation of key parameters across the extended case temperature range.
NOTE:- ALL Measurements at Vcc = +2.65V made with VCO voltage-regulator DISABLED.
Fig. 8 Supply Current - Analog interface - normal mode
Fig. 9 Supply Current - Analog interface - power-down mode
CASE TEMP(
°C)
30
35
40
45
50
55
60
65
70
-60
-40
-20
0
20
40
60
80
100
120
Vcc = +2.65V
Vcc = +3.8V
Vcc = +5.55V
CASE TEMP(
°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-60
-40
-20
0
20
40
60
80
100
120
Vcc = +2.65V
Vcc = +3.8V
Vcc = +5.55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com