Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9050 Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # ACE9050
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 20Page - Mitel Networks Corporation ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
ACE9030
SM
SM
Main
bit 1 bit 0
Tap
00
÷1
01
÷4
10
÷2
11
÷8
FUNCTIONAL DESCRIPTION - BLOCKS IN THE SYNTHESISERS
There are two synthesisers in the ACE9030 for use by the
radio system, a Main loop to set the first local oscillator to the
frequency needed for the channel to be received and an
Auxiliary loop to generate an offset frequency to be mixed with
the Main output to give the transmit frequency. The modula-
tion is added to the Auxiliary loop by pulling the VCO tank
circuit and is then mixed onto the final carrier frequency. In a
typical cellular terminal the first Intermediate Frequency is
45 MHz so the Main synthesiser will be set 45 MHz above the
receive channel frequency. Many cellular systems operating
around 900 MHz use a 45 MHz transmit-receive offset, with
the mobile transmit channel below the receive channel fre-
quency so the Auxiliary synthesiser will be set to a fixed
frequency of 90 MHz.
Loop dynamics needed for the Main synthesiser are set
by the re-tuning time during hand-off and to help simplify the
off-chip loop filter components there are Fractional-N and
Speed-up modes available for this synthsiser, primarily for use
in ETACS terminals. The Auxiliary loop does not change
frequency so the only constraints are power-up time and
microphonics, so a simple synthesiser is used.
The two loops share a common reference divider to save
power and also to control the relative phase of the two sets of
charge pumps.
As described in the section FUNCTIONAL DESCRIP-
TION - CONTROL BUS there is often benefit in holding
LATCHC at a high level to minimise bus clock interference to
the synthesiser loops. The dummy word in figure 11 is the
preferred technique to set LATCHC to high for normal opera-
tion.
At power-on, the reset generator in the Radio Interface
section is used to initialise both synthesisers to their power
down state. In this state they can be programmed with
required numbers to be ready for power-on when the whole
terminal has fully initialised.
Fig. 22 Reference Divider
A common reference divider is used for the two synthesis-
ers, but to allow some difference in comparison frequencies
the final four stage output selectors are repeated for each
synthesiser as shown in figure 22. To reduce interaction
between the two synthesisers the divider outputs are ar-
ranged in antiphase so that loop correction charge pump
pulses occur alternately in each loop. This phase separation
also reduces the peak current in the charge pump power
supply and can reduce interference to other sections of the
mobile terminal.
The input clock to the reference divider is the internal
signal XO from the crystal oscillator. The two outputs drive the
Auxiliary and the Main phase detectors directly.
A standby mode is available for the reference divider and
is enabled whenever both synthesisers are in standby.
The programming numbers are all loaded from the serial
bus in Word D, NR directly sets the ratio of the 12 bit divider
but SA and SM select the final divisions as in the following
tables:
SA
SA
Auxiliary
bit 1
bit 0
Tap
00
÷1
01
÷4
10
÷2
11
÷8
The minimum allowed value of NR is set by the need to
generate some small time windows around the comparison
edges for Lock Detect logic and for Fractional-N compensation
so a value of at least 8 is required. The maximum NR is 4095
as normal for a 12 bit counter and this is then increased by a
factor of 1, 2, 4, or 8 in the final divider. A typical required
reference division is
÷512 so neither of these limits should
constrain the system design.
Reference Divider
Q
Q
Q
Q
Q
Q
Q
Q
SELECT
- 1/2/4/8
:
SELECT
12 BIT DIVIDER
XO
NR FROM BUS
SM FROM BUS
SM FROM BUS
COMP.FREQ.
TO AUXILIARY
PHASE DETECTOR
COMP.FREQ.
TO MAIN
PHASE DETECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com