Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4607 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4607
Description  75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4607 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4607 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4607 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4607 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG59
Configuration
Connector
BNC Male
Connector Specification
MIL-STD-348
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
75
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.48 [37.59]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.032 [26.21]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
BNC Male
Contact Material and Plating
Brass/Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG59 PE4607
PE4607
PE4607 REV 01
75 Ohm BNC Male Right Angle Connector
Clamp/Solder Attachment For RG59


Similar Part No. - PE4607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4607 PASTERNACK-PE4607 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
More results

Similar Description - PE4607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4601 PASTERNACK-PE4601 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4320 PASTERNACK-PE4320 Datasheet
206Kb / 2P
BNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4605 PASTERNACK-PE4605 Datasheet
234Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG6
PE4608 PASTERNACK-PE4608 Datasheet
1Mb / 3P
75 Ohm BNC Male Right Angle Connector Crimp - Solder Attachment For RG59
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com