Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88437AS-PI Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MH88437AS-PI
Description  Data Access Arrangement Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88437AS-PI Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MH88437AS-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 9Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 10Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 11Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 12Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 13Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MH88437-P
Advance Information
10
† Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
10
Return Loss at 2-Wire
(Reference 600
Ω)
RL
14
20
18
24
24
24
dB
dB
dB
Test circuit(Figure 9)
200-500Hz
500-2500Hz
2500-3400Hz
11
Longitudinal to Metallic Balance
Metallic to Longitudinal Balance
Nc
46
46
60
40
58
53
dB
dB
dB
dB
Test circuit (Figure 10)
300-1000Hz
1000-3400Hz
Test circuit (Figure 11)
200-1000Hz
1000-4000Hz
12
Idle Channel Noise
at 2-Wire
at VX
at 2-Wire
at VX
15
15
-65
-65
20
20
dBrnC
dBrnC
dBm
dBm
Cmess filter
300-3400Hz filter
13
Transmit Gain (2-Wire to VX)
Off-Hook
On-Hook
-1
0
0
+1
dB
dB
Test circuit (Figure 7)
Input 0.5V @ 1kHz
LC = 0V
14
Frequency Response Gain
(relative to Gain @ 1kHz)
-0.5
-0.5
0
0
0.5
0.5
dB
dB
300Hz
3400Hz
15
Intermodulation Distortion
products at VX and 2W
IMD
75
dB
ILOOP = 25-60mA
F1 = 1kHz at -6dBm
F2 = 800Hz at -6dBm
Total signal power =
-3dBm
16
Distortion at VX due to near end
echo
(300Hz - 3400Hz bandwidth)
75
dB
ILOOP = 25-60mA
F1 = 1kHz at -6dBm
F2 = 800Hz at -6dBm
Total signal power =
-3dBm
17
Common Mode Rejection at VX
CMR
50
dB
Test circuit (Figure 10)
1-100Hz Note 4
18
Common Mode overload
CML
100V
Vpk-pk
Test circuit (Figure 10)
1-100Hz Note 4
Variations from Standard AC Electrical Characteristics
(MH88437AD-PI/MH88437AS-PI) (-40˚C to 0˚C)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Receive Gain (VR to 2-Wire)
-1.1
dB
Test circuit (Figure 8)
Input 0.5V at 1kHz
2
Frequency Response Gain
(Relative to Gain @ 1kHz)
-1.2
dB
ILOOP = 16-60mA
300Hz to 3400Hz
3
Transhybrid Loss
THL
-12
-15
dB
300Hz to 1kHz
1kHz to 3400Hz
AC Electrical Characteristics † (continued)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com