Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LR
Description  Lead (Pb)-Free Thick Film, Wraparound Low Value Resistor (R = 0.25 ohm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LR Datasheet(HTML) 1 Page - Vishay Siliconix

  LR Datasheet HTML 1Page - Vishay Siliconix LR Datasheet HTML 2Page - Vishay Siliconix LR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LR
www.vishay.com
Vishay Dale Thin Film
Revision: 24-Jul-13
1
Document Number: 20055
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lead (Pb)-Free Thick Film, Wraparound
Low Value Resistor (R = 0.25
)
FEATURES
• Metal glaze on high quality ceramic
• Protective overglaze
• Lead (Pb)-free solder contact on Ni barrier layer
• Pure tin plating provides compatibility with lead
(Pb)-free and lead containing soldering processes e3
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) CECC 40401-802/EIA-575
DERATING
Note
(2) Limits for change of resistance at test.
Available
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER
RATING (1)
P70
W
LIMITING
ELEMENT
VOLTAGE
MAX.
V
TEMPERATURE
COEFFICIENT
± ppm/°C
TOLERANCE
± %
RESISTANCE
VALUE
LR
2512
6332
2.0
300
1
0.25
P x R
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
2512
Power rating
W
2.0
Limiting element voltage
V
Insulation voltage (1 min)
Vpeak
> 300
Thermal resistance
K/W
 45
Insulation resistance
> 109
Temperature range
°C
- 55 to + 125
Weight/1000 pieces
g
40.5
P x R
Ambient Temperature in °C
0
80
100
0
40
100
70
20
40
60
140
20
60
80
125
PERFORMANCE
TEST
CONDITIONS OF TEST
REQUIREMENTS (2)
Endurance test at 70 °C
IEC 60115-1, 4.25.1
1000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
 ± 2 %
Endurance at UCT
IEC 60115-1, 4.25.3
1000 h at 125 °C without load
 ± 0.5 %
Overload test
IEC 60115-1, 4.13
Short time overload for 2 s
 ± 1 %
Thermal shock
IEC 60115-1, 4.19; IEC 60068-2-14
Rapid change between upper and lower category temperature
 ± 1 %
Damp heat steady state
IEC 60115-1, 4.24; IEC 60068-2-3
56 days at 40 °C and 93 % relative humidity
 ± 2 %
Resistance to soldering heat
IEC 60115-1, 4.18; IEC 60068-2-20
10 s at 260 °C solder bath temperature
 ± 1 %


Similar Description - LR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
Lead (Pb)-free Commodity Thick Film Chip Resistors
06-Jun-12
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW-HRE3 VISHAY-CRCW-HRE3 Datasheet
91Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular High Value Chip Resistor
12-Jun-12
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
28-May-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com