Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA0204HT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMA0204HT
Description  Professional High Temperature MELF Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA0204HT Datasheet(HTML) 1 Page - Vishay Siliconix

  MMA0204HT Datasheet HTML 1Page - Vishay Siliconix MMA0204HT Datasheet HTML 2Page - Vishay Siliconix MMA0204HT Datasheet HTML 3Page - Vishay Siliconix MMA0204HT Datasheet HTML 4Page - Vishay Siliconix MMA0204HT Datasheet HTML 5Page - Vishay Siliconix MMA0204HT Datasheet HTML 6Page - Vishay Siliconix MMA0204HT Datasheet HTML 7Page - Vishay Siliconix MMA0204HT Datasheet HTML 8Page - Vishay Siliconix MMA0204HT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMA 0204 HT Professional
www.vishay.com
Vishay Beyschlag
Revision: 08-Jul-15
1
Document Number: 28780
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Professional High Temperature MELF Resistors
MMA 0204 professional high temperature MELF resistors
are the perfect choice for most fields of modern professional
electronics where high operating temperatures, power
rating, reliability and stability is of major concern. These
improved properties are enabled by a modified resistive film
material. The typical applications in the fields of automotive
and industrial equipment reflect the outstanding level of
proven reliability.
FEATURES
• 175 °C specified operating temperature
• AEC-Q200 qualified
• Advanced thin film technology
• Excellent stability, < 0.1 %
• Matte Sn termination on Ni barrier layer
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Industrial
Note
(1) Please refer to APPLICATION INFORMATION below.
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime. At the maximum permissible film temperature of 175 °C the useful lifetime is specified for 1000 h. The
designer may estimate the performance of the particular resistor application or set certain load and temperature limits in order
to maintain a desired stability.
TECHNICAL SPECIFICATIONS
DESCRIPTION
MMA 0204 HT
DIN size
0204
CECC size
RC 3715M
Resistance range
47
 to 100 k; 0 
Resistance tolerance
± 1 %; ± 0.5 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K
Rated dissipation, P70 (1)
0.5 W
Operating voltage, Umax. AC/DC
200 V
Permissible film temperature,
F max.
(1)
175 °C
Operating temperature range (1)
-55 °C to 175 °C
Permissible voltage against ambient (insulation):
1 min, Uins
300 V
Continuous
75 V
Failure rate: FITobserved
 0.1 x 10-9/h


Similar Part No. - MMA0204HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA0204HF VISHAY-MMA0204HF Datasheet
150Kb / 11P
High Frequency Thin Film MELF Resistors
26-Oct-15
MMA0204HV VISHAY-MMA0204HV Datasheet
162Kb / 9P
Professional High-Voltage Thin Film MELF Resistors
24-Feb-17
MMA0204HV VISHAY-MMA0204HV Datasheet
160Kb / 9P
Professional High-Voltage Thin Film MELF Resistors
26-Oct-17
More results

Similar Description - MMA0204HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
Professional MELF Resistors
18-Jul-06
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com