Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSFM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSFM
Description  Thin Film, Top-Contact Miniature Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSFM Datasheet(HTML) 2 Page - Vishay Siliconix

  MSFM Datasheet HTML 1Page - Vishay Siliconix MSFM Datasheet HTML 2Page - Vishay Siliconix MSFM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSFM
www.vishay.com
Vishay Electro-Films
Revision: 26-Jan-15
2
Document Number: 61096
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
POWER DERATING CURVE
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.015" x 0.015" ± 0.002" (0.381 mm x 0.381 mm ± 0.05 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum oxide
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.004" x 0.004" (0.1 mm x 0.1 mm)
Number of Pads
2
Pad Material
10 kÅ minimum aluminum (Au optional)
Backing
None, lapped silicon
GLOBAL PART NUMBER INFORMATION
Global Part Number: MSFM10001FKANHWS
Global Part Number Description: MSFM 10K 1 %, 100 ppm/°C, Al, no back metal, class H, WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
(%)
TCR
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
MSFM
15 x 15
size
Ta2N on
silicon
First 4
digits are
significant
figures of
resistance
C = 0.001
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
H = 2.5
J = 5.0
K = 10.0
E = ± 25
C = ± 50
K = ± 100
M = ± 250
G = Au
A = Al
G = Au
N = None
H = Class H
K = Class K
WS =
Waffle pack
100 min., 1 mult
0.004
0.0015
(70, 125)
Temperature (°C)
- 100
- 50
0
50
100
150
200
120
140
100
80
60
40
20
0
0
1
F
ANH
K
1
WS
M
SF
0
M
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com