Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0601 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0601
Description  AC-DC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0601 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  RL0601 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0601 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0601 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. RL0601 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
* RL0601 series are designated as RL0601x-y where x can be E (Enclosed Type with rear side built-in fan) or F (Enclosed Type with top side
built-in fan) or U (U-Chassis Type) or C (U-Chassis Type with top cover), y can be 05, 09, 12, 15, 18, 24, 28, 36, 48, 54.
* RL0601U Series: U-Chassis @320W max. with 22CFM max. forced airflow is required to model RL0601U-05 and
18 CFM for other models or 180W convection cooled output.
* RL0601C Series: U-Chassis @170W max. convection cooled.
* RL0601E Series: Enclosed with rear side built-in fan @320W max.
* RL0601F Series: Enclosed with top built-in fan @320W max.
* All output range are covered in agencies certification and the preset voltage will be set as standard models if any request is not preset
output then should contact us in advance.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
* Providing peak power to 700W within 500uS for all models, longer duty duration need contact manufacture.
* 1% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
Input and Output Connector (CN2):
Terminal block - Howder Part No. HB-95-7P
Molex - Mating JST VH series. Input 5 pin connector (3 pin used, pin 2 & pin 4 removed), PCB
labeling: L = Line; N = Neutral; G = Chassis Ground. Output 10 pin connector.
Input and Output Connector Pin Assignment:
(See table in right).
Mounting Inserts:
6 Places 8-32 (M4X0.7 Optional). Maximum Penetration 4mm sees outline drawing for location.
Logic signal connector (CN1):
Mating JST XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Fan driver connector (FAN2):
Mating connector is JST P/N XHP-2 (2 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-
2001-02).
Howder
Molex
Pins 1 ~ 2: V+
Pins 1 ~ 5: V+
Pins 3 ~ 4: V-
Pins 6 ~ 10: V-
Pin 5: GND
Pin 11: GND
Pin 6: Neutral
Pin 13: Neutral
Pin 7: Line
Pin 15: Line
OUTLINE DRAWING:
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
Model
Output
Range
Preset
Voltage
Max. Output Power or Current
Regulation
Ripple
& Noise
Type U (forced air)
& E & F
Type U
(Convection)
Type C
(Convection)
RL0601x-05
2 ~ 5.5V
5V
45A
27.28A
25A
+/- 1%
50mV
RL0601x-09
6 ~ 11V
9 V
29.1A
16.37A
13.64A
+/- 1%
1%
RL0601x-12
12 ~ 13.5V
12 V
320W
180W
170W
+/- 1%
1%
RL0601x-15
13.6 ~ 15V
15 V
320W
180W
170W
+/- 1%
1%
RL0601x-18
16 ~ 20V
18V
320W
180W
170W
+/- 1%
1%
RL0601x-24
21 ~ 26V
24V
320W
180W
170W
+/- 1%
1%
RL0601x-28
27 ~ 34V
28V
320W
180W
170W
+/- 1%
1%
RL0601x-36
35 ~ 42V
36V
320W
180W
170W
+/- 1%
1%
RL0601x-48
43 ~ 50V
48V
320W
180W
170W
+/- 1%
1%
RL0601x-54
51 ~ 60V
54V
320W
180W
170W
+/- 1%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com