Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRL1301 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1301
Description  AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1301 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1301 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1301 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1301 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL1301 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
•PRL1301 series are designated as PRL1301x-y where x can be E (enclosed type with end side built-in fan), U (U-chassis) or F (with top
cover and a built-in fan),y can be 05, 10, 12, 15, 18, 24, 28, 36, 48 or 54.
•Providing peak power to 900W within 500uS for all models, longer duty duration need contact manufacture.
•All output range are covered in agencies certification and the preset voltage will be set as standard models if any request is not preset
output then should contact us in advance.
•For models U chassis type which need external forced airflow min. 25 CFM to achieve maximum power.
•1% minimum load is required to maintain the ripple and regulation.
•Output is fully isolated
•Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1µF ceramic and 22µF electrolytic
capacitors.
Input Connector (CN1):
Mating Molex Part No. 09-50-3071 or equivalent (7 pin,5 used)
Howder Terminal block Part No. HD-121-3P
Output Connector (CN2):
Howder Terminal block Part No. HD-121-6P
Mating Molex Part No. 09-50-3141 (14 pin)
Output Pin Assignment: (See table in right).
Mounting Inserts: 6-
32, M4 4Places individually with maximum penetration 0.15” on bottom
side and 0.25” on both side
Logic signal connector (CN3):
Mating JST XHP-3 or equivalent (CHYAO SHIUNN JS-1001-05)
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 TO 26
PIN1: RS- PIN2: RS+
PIN3: RSW
PIN4: RTN
PIN5: P.G
Howder
Molex
Pins 1 ~ 3: VO+
Pins 1 ~ 7: VO+
Pins 4 ~ 6: VO-
Pins 8~ 14: VO-
OUTLINE DRAWING:
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465
Model Name
Output Range
Preset
Voltage
Max. Output Current/Power
Regulation
Ripple &
Noise
PRL1301-05
3
– 5V
5 V
100A
+/- 1%
80mV
PRL1301-10
6
– 10V
10 V
60A
+/- 1%
1%
PRL1301-12
11
– 13V
12 V
600W
+/- 1%
1%
PRL1301-15
13.5
– 16V
15 V
600W
+/- 1%
1%
PRL1301-18
17
– 21V
18V
600W
+/- 1%
1%
PRL1301-24
22
– 25V
24V
600W
+/- 1%
1%
PRL1301-28
26
– 30V
28V
600W
+/- 1%
1%
PRL1301-36
31
– 40V
36V
600W
+/- 1%
1%
PRL1301-48
41
– 50V
48V
600W
+/- 1%
1%
PRL1301-54
51
– 60V
54V
600W
+/- 1%
1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com