Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT3176 Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # CDT3176
Description  訝됧? LED 雍멨눣?㎩댍 IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3176 Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

  CDT3176 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3176 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3176 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3176 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3176 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3176 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDT-3176---
6
CDT3176
P. 6
前燈輸出控制 IC
■
平常全亮, 踩煞車全閃
1. 3VDC 前 燈 使 用
第一段: OFF
第二段: 全
亮(100%)
第三段: 全
閃(DUTY=1/2)
OSCI
KEY
L1
HILO
1
1
OSCO
1
2
VDD
1
3
BRAKE
1
4
VSS
CDT3176
1
8
1
7
1
6
1
5
燈泡
680K
R
3VDC
CDT-3176
RES OSCO VDD CDS LEFT RIGHT BRAKE VSS
OSCI KEY
L3
L2
L1
HILO OPT2 OPT1
燈泡
390K
470uF
(穩壓)
R
KEY
3VDC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com