Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH89101 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH89101
Description  Passive Line Termination Circuit Advance Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89101 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH89101 Datasheet HTML 1Page - Mitel Networks Corporation MH89101 Datasheet HTML 2Page - Mitel Networks Corporation MH89101 Datasheet HTML 3Page - Mitel Networks Corporation MH89101 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-29
®
Features
•
Passive Line Termination (PLT) for MT8910
DSLIC
•
High precision trimmed resistors
•
Excellent resistor matching required to meet
longitudinal balance as specified in ANSI-
T1.601
•
Compact SIL package
Applications
•
Pair gain system
•
ISDN NT1 and NT2 interfaces
•
Digital multiplexers and concentrators
•
ISDN U-interface terminals
Description
The MH89101 is a thick film hybrid device which is
used in conjunction with the MT8910 to perform two
to
four
wire
conversion
and
analog
signal
conditioning on the received 2B1Q signal.
The signal conditioning is necessary to enable the
DSLIC to interface to the Digital Subscriber Line as
defined in
ANSI T1.601-1988.
The precanceller
block will perform two to four wire conversion and
provide adequate isolation between transmit and
receive paths.
The small size and the precise resistor matching on
the hybrid makes it suitable for line card or terminals
which
use
the
MT8910
2B1Q
U-Interface
Transceiver.
Figure 1 - Functional Block Diagram
RXout -
RXout +
Compensator
Circuit
Precanceller
TXin +
XFM +
XFM -
TXin -
Ordering Information
MH89101
6 Pin SIL Package
0°C to +70°C
ISSUE 1
August 1991
MH89101
Passive Line Termination Circuit
Advance Information


Similar Part No. - MH89101

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
MH89625C-5 MITEL-MH89625C-5 Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
MH89625C-6 MITEL-MH89625C-6 Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
MH89626C MITEL-MH89626C Datasheet
114Kb / 12P
OPS/DID SLIC Preliminary Information
MH89626C-02 MITEL-MH89626C-02 Datasheet
114Kb / 12P
OPS/DID SLIC Preliminary Information
More results

Similar Description - MH89101

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Mitel Networks Corporat...
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
Subscriber Line Interface Circuit (SLIC) Advance Information
MH88615 MITEL-MH88615 Datasheet
50Kb / 6P
ONS Subscriber Line Interface Circuit Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com