Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5842AP Datasheet(PDF) 20 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 20 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—20
APPLICATION CIRCUITS
Input Interface Circuits
CD decoder (CXD2500Q) connection
Digital audio interface receiver (YM3623B) connection
(SONY)
C16M
LRCK
DA16
DA15
EMPH
SM5842
16.9344MHz
CD
DECODER
CXD2500Q
MUTEL
MUTER
FSEL1
FSEL2
XTI
PSSL
LRCI
DI
BCKI
DEMPL
DEMPR
IW1N
IW2N
INF1N
MUTE
44.1kHz
2.1168MHz
CKSLN
X'tal(16.9344MHz)
(SONY)
XTAI
LRCK
DA16
DA15
EMPH
SM5842
16.9344MHz
CD
DECODER
CXD2500Q
MUTEL
MUTER
FSEL1
FSEL2
CKSLN
PSSL
CKI
LRCI
DI
BCKI
DEMPL
IW1N
IW2N
INF1N
MUTE
44.1kHz
2.1168MHz
XTSL
DEMPR
XTI
XTO
(YAMAHA)
A
L / R
DO
BCO
DEF
SM5842
384fs (16.9344MHz)
DIR
YM3623B
MUTEL
MUTER
FSEL1
FSEL2
S1
LRCI
DI
BCKI
DEMPL
IW1N
IW2N
INF1N
MUTE
fs (44.1kHz)
S2
DEMPR
CKSLN
XTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com