Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT3299 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3299
Description  ??쮮凉뤷뙑8 餘듣섯?뷸렒?턎C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3299 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3299 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3299 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3299 Datasheet HTML 3Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDT-3299 ---
2
1
1
CDT3299
P. 2
可程式化 8 段輸出控制 IC
■
12VDC 應 用 線 路
12VDC
CDT-3299
- -
KEY
VDD
L1
OSCO
L2
OSCI
L3
- -
L4
- -
L5
VSS
16
2
15
3
14
4
13
5
12
6
11
7
10
- -
- -
8
9
C1
AUTO
1.2K
12VDC
CDT-3299
- -
KEY
VDD
L1
OSCO
L2
OSCI
L3
- -
L4
- -
L5
VSS
16
2
15
3
14
4
13
5
12
6
11
7
10
- -
- -
8
9
C1
AUTO
1.2K
C2
C2
■
線 路 說 明
1. AUTO 空接 – 自動變化,
AUTO 接 VSS – 由 KEY 換段
2. C1 – 10 – 100PF, 減速用電容



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com