Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT093AE Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT093AE
Description  ISO-CMOS 8 x 12 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT093AE Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT093AE Datasheet HTML 1Page - Mitel Networks Corporation MT093AE Datasheet HTML 2Page - Mitel Networks Corporation MT093AE Datasheet HTML 3Page - Mitel Networks Corporation MT093AE Datasheet HTML 4Page - Mitel Networks Corporation MT093AE Datasheet HTML 5Page - Mitel Networks Corporation MT093AE Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT093 ISO-CMOS
3-66
Figure 2 - Pin Connections
* Plastic DIP and CERDIP only.
Pin Description
Pin #*
Name
Description
1Y3
Y3 Analog (Input/Output): this is connected to the Y3 column of the switch array.
2AY2
Y2 Address Line (Input).
3
RESET
Master RESET (Input): this is used to turn off all switches. Active High.
4,5
AX3,AX0 X3 and X0 Address Lines (Inputs).
6,7
NC
No Connection.
8-13
X6-X11
X6-X11 Analog (Inputs/Outputs): these are connected to the X6-X11 rows of the switch
array.
14
NC
No Connection.
15
Y7
Y7 Analog (Input/Output): this is connected to the Y7 column of the switch array.
16
NC
No Connection.
17
Y6
Y6 Analog (Input/Output): this is connected to the Y6 column of the switch array.
18
STROBE STROBE (Input): enables function selected by address and data. Address must be stable
before STROBE goes high and DATA must be stable on the falling edge of the STROBE.
Active High.
19
Y5
Y5 Analog (Input/Output): this is connected to the Y5 column of the switch array.
20
VSS
Ground Reference.
21
Y4
Y4 Analog (Input/Output): this is connected to the Y4 column of the switch array.
22, 23
AX1,AX2 X1 and X2 Address Lines (Inputs).
24, 25
AY0,AY1 Y0 and Y1 Address Lines (Inputs).
26, 27
NC
No Connection.
28 - 33
X5-X0
X5-X0 Analog (Inputs/Outputs): these are connected to the X5-X0 rows of the switch
array.
34
NC
No Connection.
35
Y0
Y0 Analog (Input/Output): this is connected to the Y0 column of the switch array.
36
NC
No Connection.
37
Y1
Y1 Analog (Input/Output): this is connected to the Y1 column of the switch array.
38
DATA
DATA (Input): a logic high input will turn on the selected switch and a logic low will turn off
the selected switch. Active High.
39
Y2
Y2 Analog (Input/Output): this is connected to the Y2 column of the switch array.
40
VDD
Positive Power Supply.
40 PIN CERDIP/PLASTIC DIP
44 PIN PLCC
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
AY2
RESET
AX3
AX0
NC
NC
X6
X7
X8
X9
X10
X11
NC
Y7
NC
Y6
STROBE
Y5
VSS
Y3
Y2
DATA
Y1
NC
Y0
NC
X0
X1
X2
X3
X4
X5
NC
NC
AY1
AY0
AX2
AX1
Y4
VDD
NC
NC
X6
XY
X8
X9
X10
X11
NC
NC
NC
1
6 5432
44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
23
18 19 20 21 22
24 25 26 27 28
17
29
NC
NC
X0
X1
X2
X3
X4
X5
NC
NC
NC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com