Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV7-SI-AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SV7-SI-AF
Description  Si Programmable Servo Drive w/ Encoder outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SV7-SI-AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SV7-SI-AF Datasheet HTML 1Page - List of Unclassifed Manufacturers SV7-SI-AF Datasheet HTML 2Page - List of Unclassifed Manufacturers SV7-SI-AF Datasheet HTML 3Page - List of Unclassifed Manufacturers SV7-SI-AF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Datasheet
www.Applied-Motion.com
SV7-Si-AF
Si Programmable Servo Drive w/ Encoder outputs
1pc. - 606.00
50pc. - 454.50
Product Features
Programmable digital servo drive in a compact
package
DSP-based current control, sinusoidal commutation
and jerk filter
Operates from 24-80 VDC
Provides motor current up to 7.0 A rms continuous,
14.0 A rms peak
Si Programmer™ for icon-based motion control
programming
100 lines of Si program capability
Easiest-to-use motion programming tools
Buffered encoder outputs for connection to external
motion controller or other devices
8 digital inputs, 4 digital outputs, all optically
isolated
2 analog inputs, +/-10 volt range
RS-232 port for programming and communications
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The SV series servo drives are suitable for a wide range of motion applications. They are built around a powerful
digital signal processor coupled to an efficient MOSFET PWM amplifier. The SV drives include 12 optically isolated
I/O points plus analog inputs. A sophisticated, yet easy to tune position loop has independent digital settings for
proportional, integral and derivative gains plus velocity feedback and velocity and acceleration feedforward.
All SV drives are capable of running brushless, brushed, and linear servo motors. A timing wizard automatically
configures the encoder and commutation timing for virtually any brushless or brushed DC motor. Tuning is easy
with our Quick Tuner™ software, featuring a built-in digital oscilloscope
Description


Similar Part No. - SV7-SI-AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV7-SI-AE ETC2-SV7-SI-AE Datasheet
203Kb / 4P
Si Programmable Servo Drive
More results

Similar Description - SV7-SI-AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUAC5-SI ETC2-BLUAC5-SI Datasheet
202Kb / 3P
Si Programmable Servo Drive
SV7-IP-EE ETC2-SV7-IP-EE Datasheet
182Kb / 4P
Q Programmable Servo Drive w/ EtherNet/IP
SV7-Q-AF ETC2-SV7-Q-AF Datasheet
207Kb / 4P
Q Programmable Servo Drive w/ Encoder outputs
SV7-Q-EE ETC2-SV7-Q-EE Datasheet
217Kb / 4P
Q Programmable Servo Drive w/ Ethernet
SV7-Q-RE ETC2-SV7-Q-RE Datasheet
210Kb / 4P
Q Programmable Servo Drive w/ RS-485
SV7-SI-AE ETC2-SV7-SI-AE Datasheet
203Kb / 4P
Si Programmable Servo Drive
SVAC3-IP-E120 ETC2-SVAC3-IP-E120 Datasheet
243Kb / 5P
Q Programmable Servo Drive w/ EtherNet/IP
SVAC3-IP-E220 ETC2-SVAC3-IP-E220 Datasheet
254Kb / 5P
Q Programmable Servo Drive w/ EtherNet/IP
SVAC3-Q-E120 ETC2-SVAC3-Q-E120 Datasheet
282Kb / 5P
Q Programmable Servo Drive w/ Ethernet
SVAC3-Q-E220 ETC2-SVAC3-Q-E220 Datasheet
282Kb / 5P
Q Programmable Servo Drive w/ Ethernet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com