Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1816 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM1816
Description  Low Power Open-Drain Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1816 Datasheet(HTML) 4 Page - ON Semiconductor

  ASM1816 Datasheet HTML 1Page - ON Semiconductor ASM1816 Datasheet HTML 2Page - ON Semiconductor ASM1816 Datasheet HTML 3Page - ON Semiconductor ASM1816 Datasheet HTML 4Page - ON Semiconductor ASM1816 Datasheet HTML 5Page - ON Semiconductor ASM1816 Datasheet HTML 6Page - ON Semiconductor ASM1816 Datasheet HTML 7Page - ON Semiconductor ASM1816 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ASM1816
http://onsemi.com
4
Application Information
Operation − Power Monitor
The ASM1816 detects out−of−tolerance power supply
conditions. It resets a processor during power−up, power
down and issues a reset to the system processor when the
monitored power supply voltage is below the reset
threshold. When an out−of−tolerance VCC voltage is
detected, the RESET signal is asserted. On power−up,
RESET is kept active (LOW) for approximately 150 ms
after the power supply voltage has reached the selected
tolerance. This allows the power supply and microprocessor
to stabilize before RESET is released.
Figure 3. Timing Diagram: Power−Up
Figure 4. Timing Diagram: Power−Down
Table 4. FAMILY SELECTION GUIDE
Part #
RESET Voltage (V)
RESET Time (ms)
Output Stage
RESET Polarity
ASM1810
4.620, 4.370, 4.120
150
Push−Pull
LOW
ASM1811
4.620, 4.350, 4.130
150
Open−Drain
LOW
ASM1812
4.620, 4.350, 4.130
150
Push−Pull
HIGH
ASM1815
3.060, 2.880, 2.550
150
Push−Pull
LOW
ASM1816
3.060, 2.720, 2.880, 2.550
150
Open−Drain
LOW
ASM1817
3.060, 2.880, 2.550
150
Push−Pull
HIGH
ASM1233D
4.625, 4.375, 4.125
350
Open−Drain
LOW
ASM1233M
4.625, 4.375, 2.720
350
Open−Drain
LOW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com