Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25Q400G Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25Q400G
Description  4M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q400G Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25Q400G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ACE25Q400G
4M BIT SPI NOR FLASH Memory Series
VER 1.2
8
Power-down
At Power-down (continuous decrease in VCC), as soon as VCC drops from the normal operating voltage to below the
power on reset threshold voltage, the device stops responding to any instruction sent to it. During Power-down, the
device must be deselected (Chip Select (/CS) should be allowed to follow the voltage applied on VCC) and in Standby
Power mode (that is there should be no internal Write cycle in progress).
Active Power and Standby Power Modes
When Chip Select (/CS) is Low, the device is selected, and in theActive Power mode. The device consumes ICC.
When Chip Select (/CS) is High, the device is deselected. If a Write cycle is not currently in progress, the device then
goes in to the Standby Power mode, and the device consumption drops to ICC1.
Hold Condition
The Hold (/HOLD) signal is used to pause any serial communications with the device without resetting the clocking
sequence. During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and
Serial Clock (SCLK) are Don’t Care. To enter the Hold condition, the device must be selected, with Chip Select (/CS)
Low. Normally, the device is kept selected, for the whole duration of the Hold condition. Deselecting the device while it is
in the Hold condition, has the effect of resetting the state of the device, and this mechanism can be used if it is required
to reset any processes that had been in progress.
The Hold condition starts when the Hold (/HOLD) signal is driven Low at the same time as Serial
Clock (SCLK) already being Low (as shown in Figure 1)
The Hold condition ends when the Hold (HOLD) signal is driven High at the same time as Serial Clock (C) already
being Low. Also shows what happens if the rising and falling edges are not timed to coincide with Serial Clock (SCLK)
being Low.
Figure 1 Hold condition activation
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com