Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5844AF Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5844AF
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844AF Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5844AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—16
Attenuator operation
A change in the attenuation data DATT causes the
gain to change smoothly from its previous value
towards the new setting. The new attenuation data is
stored in the attenuation data register and the current
attenuation level is stored in a temporary register.
Consequently, if a new attenuation level is read in
before the previously set level is reached, the gain
changes smoothly from the current value towards the
latest setting as shown in figure 4.
The attenuation counter output changes, and hence
the gain changes, by 1 step every output sample. The
time taken to reduce the gain from 0 dB (or 12 dB) to
−∞ dB is (1024/fso), which corresponds to
approximately 23.2 ms when fso = 44.1 kHz.
Figure 4. Attenuator operation example
Level 3
Level 1
Level 2
Level 4
Level 5
Time
Gain
∆t
0 dB
− ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com