Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE710C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE710C
Description  1A Synchronous PWM Boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE710C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE710C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE710C
1A Synchronous PWM Boost converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
SW Voltage
-0.3V~6V
EN,OUT Voltage
-0.3V~6V
Max
Operating Junction Temperature(Tj)
125
Maximum Power Dissipation
SOT-23-5
450mW
Ambient Temperature(Ta)
-40~85℃
Storage Temperature(Ts)
-55~150℃
Lead Temperature & Time
260℃,10S
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
SOT-23-5
PIN #
NAME
DESCRIPTION
1
EN
Enable pin for the IC. Drive the pin to high to enable the part, and low to disable
2
OUT
Output voltage pin, with 10uF ceramic capacitor closely connected to GND
3
NC
No connection
4
GND
Ground
5
SW
To connect inductor to VIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com