Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8840AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8840AS
Description  ISO2-CMOS Data Over Voice Modem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8840AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MT8840AS Datasheet HTML 1Page - Mitel Networks Corporation MT8840AS Datasheet HTML 2Page - Mitel Networks Corporation MT8840AS Datasheet HTML 3Page - Mitel Networks Corporation MT8840AS Datasheet HTML 4Page - Mitel Networks Corporation MT8840AS Datasheet HTML 5Page - Mitel Networks Corporation MT8840AS Datasheet HTML 6Page - Mitel Networks Corporation MT8840AS Datasheet HTML 7Page - Mitel Networks Corporation MT8840AS Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MT8840 ISO2-CMOS
5-8
* Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied.
Notes:
1. Voltage specified is generated internally and measured with no external components connected to DET
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Unit
1
Supply Voltage
VDD-VSS
-0.3
+7.0
V
2
Voltage On Any Pin
VMax
VSS-0.3
VDD+0.3
V
3
Current On Any Pin
IMax
20
mA
4
Storage Temperature
TS
-65
+150
°C
5
Package Power Dissipation
PDiss
850
mW
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
1
Operating Supply Voltages
VDD
4.7555.25
V
2VRef
0.4VDD
V
3
Operating Supply Currents
IDD
2.5
5.0
mA
4IRef
200
µA
5
Operating Temperature
TO
0+85
°C
6
Load Capacitance (TxO)
CL
50
pF
7
Load Resistance (TxO)
RL
10
K
Ω
D.C. Characteristics - V
DD = 5.0 V ± 5%
VSS =0V T = 0 - 85
oC (All voltages are referenced to V
SS /GND)
Characteristics
Sym
Min
Typ
Max
Unit
Test Conditions
1
D
I
G
I
T
A
L
I
/
O
Input Current
IIN
±10
µA
VIN = 0 to VDD
2
Input Low Voltage
VIL
0
1.5
V
3
Input High Voltage
VIH
3.5
5.0
V
4
Output Low Voltage
VOL
0.4
V
IOL = 0.4mA
5
Output High Voltage
VOH
4.6
V
IOH = 0.4mA
6
Output Drive Current
7
N Channel Sink (Except OSC2)
IOL
0.4
mA
VOL = 0.4V
8OSC2
0.1
mA
9
P Channel Source (Except OSC2)
IOH
0.4
mA
VOH = 4.6V
10
OSC2
0.1
mA
11
A
N
A
L
O
G
I
/
O
Input Current (RxI, FATC)
IIN
±10
µA
VIN = 0 to 5.0V
12
Input Resistance (FATC)
RIN
500
K
Ω
13
(DET to VDD)
170
K
Ω
14
(DET to VRef)23
K
Ω
15
Input Capacitance (RxI)
CIN
50
pF
16
(FATC)
10
pF
17
Any Digital Input
5.0
7.5
pF
18
Output Resistance (TxO)
RO
100
Ω
19
(TCO)
3
K
Ω
MTC = 0
20
(TCO)
30
K
Ω
MTC = 1
21
Output Offset Voltage (TxO)
VO
±25
±200
mV
22
Output Voltage (DET)
VO
2.20
2.36
2.55
V
See Note 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com