Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE725E Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE725E
Description  24V , 1.2A High Efficiency Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE725E Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE725E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACE725E
24V , 1.2A
High Efficiency Step-Down Converter
VER 1.1
8
FUNCTIONAL DECRIPTIONS
Loop Operation
The ACE725E is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable
of delivering up to 1.2A of output current, integrated with a 250m high-side MOSFET. It uses a PWM
current-mode control scheme. An error amplifier integrates error between the FB signal and the internal
reference voltage. The output of the integrator is then compared to t he sum of a current-sense signal and
the slope compensation ramp.
This operation generates a PWM signal that modulates the duty cycle of
the power MOSFETs to achieve regulation for output voltage.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ACE725E employs a proprietary control scheme that improves efficiency
in this situation by enabling the device into a power save mode during light load, thereby extending the
range of high efficiency operation.
APPLICATION INFORMATION
Setting Output Voltages
Output voltages are set by external resistors.
The FB threshold is 0.6V.
RTOP = RBOTTOM x [(VOUT / 0.6) - 1]
Inductor Selection
The peak-to-peak ripple is limited to 30% of the maximum output current. This places the peak current
far enough from the minimum overcurrent trip level to ensure reliable operation while providing
enough
current ripples for the current mode converter to operate stably. In this case, for 1.2A maximum output
current, the maximum inductor ripple current is 400 mA. The inductor size is estimated as following
equation
LIDEAL=(VIN(MAX)-VOUT)/IRIPPLE*DMIN*(1/FOSC)
Therefore, for VOUT=5V,
The inductor values is calculated to be L = 7μH.
Chose 6.8μH or 10μH
For VOUT =3.3V,
The inductor values is calculated to be L = 4.9μH.
Chose 4.7μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com