Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8924AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 2Page - Mitel Networks Corporation MT8924AS Datasheet HTML 3Page - Mitel Networks Corporation MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MT8924
Preliminary Information
8-8
control byte. The data byte contains the number of
the channel to be disconnected. The second byte
contains the opcode (D0-D3). One frame pulse
must
pass
between
disconnection
and
reconnection of the same channel.
Instruction 4 : Overflow Status Monitoring
This function extracts overflow status information
on all existing conferences and transfers it to the
microprocessor data bus. This instruction consists
of two control bytes which are differentiated by the
C/D control signal. C/D set Low reads the status of
the first eight conferences, while C/D set High
reads the status of the remaining two conferences.
A
conference
is
in
overflow
when
the
corresponding status bit is high.
Instruction 5 : PCM Mode Select
This function is used to set the PCM format. The
control byte from the microprocessor consists of
one data byte. It contains the Extra Bit E (D6), the
Format Bits F1-F0 (D5, D4), and the opcode (D0-
D3). The E bit must be high when the PCM frame
contains an extra bit (i.e. 1.544 Mb/s). Normally E
is Low. Bits F1-F0 are used to select the PCM byte
format, according to Table 2. After RESET the
default values correspond to F1 at Low and F0 at
High if A-Law is selected, and F1 at High and F0 at
High if
µ-Law is selected. All channels must be
disconnected
when
the
PCM
mode
select
instruction is sent. They must remain disconnected
for at least two frame pulses after the instruction is
sent. It is recommended that this instruction be
used immediately following a system reset (see
RESET pin description).
Instruction 6 : Status Monitoring
This function is a read operation which consists of
a data byte, a control byte, and a status byte. It
extracts
information
for
test
and
diagnostic
purposes and transfers it to the microprocessor
bus. The first byte contains the channel number,
while the second byte contains the opcode (D0-
D3). The third byte contains the status information
about the operating mode of the channel (D4-D7);
the attenuation level (D2-D3); and the noise
suppression level (D0-D1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com