Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT3345 Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # CDT3345
Description  ?쎿?雍멨뀯?믤셽若싨셽?쭵C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3345 Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

Back Button CDT3345 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 10Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDT-3345 ---
6
CDT3345
P. 6
四段輸入倒時定時器 IC
■
應用線路圖 :
(a). 時間由 Rosc 決定(ACS = 0) : (DC 使用)
當 Rosc 值減小 -- 時間變短, LED 閃快, BZ 聲音變快
VSS
BZ1
OSCO
ZC
OUT1
BZ2
VDD
K1
K2
K3
K4
LED
T4
T3
T2
T1
ON/OFF,
ONE SHOT
LEVEL HOLD
560K
OSCI
OUT3
HIGH
CDS
CDS
OUT2
LOW
ACS
Buzzer
CDT3345
TSA
TSB
K1
47K
104
※ DC 專用 IC: 使 用 LEVEL HOLD 功 能 , KEY 用 SW 切 換 時 :
加 入 RC 以 加 強 power on reset 之 功 能
IC
IC: CDT3345-04, CDT3345-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com