Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTOP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RTOP
Description  Power Resistors for Mounting onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTOP Datasheet(HTML) 2 Page - Vishay Siliconix

  RTOP_15 Datasheet HTML 1Page - Vishay Siliconix RTOP_15 Datasheet HTML 2Page - Vishay Siliconix RTOP_15 Datasheet HTML 3Page - Vishay Siliconix RTOP_15 Datasheet HTML 4Page - Vishay Siliconix RTOP_15 Datasheet HTML 5Page - Vishay Siliconix RTOP_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RTOP
www.vishay.com
Vishay Sfernice
Revision: 09-Nov-15
2
Document Number: 50045
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) MIL-STD-202 Method 301
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
IEC 60115-1
2.5 Pr/5 s US < 2 UL
< ± (0.25 % + 0.05
)
Rapid Temperature Change
IEC 60115-1
5 cycles -55 °C +125 °C
< ± (0.25 % + 0.05
)
Load Life
IEC 60115-1
Pr at 25 °C 1000 h
< ± (0.5 % + 0.05
)
Humidity (Steady State)
IEC 60115-1/IEC 60068-2-3 Test Ca
56 days 95 % RH/40 °C
< ± (0.5 % + 0.05
)
SPECIAL FEATURES
MODEL
RTOP 200
RTOP 100
DRTOP 100
DRTOP 50
Power Rating at +25 °C
Chassis Mounted Resistors
Unmounted Resistors
200 W
5 W
100 W
5 W
100 W
3.5 W
50 W
3.5 W
Thermal Resistance (per Resistor)
0.5 °C/W
1 °C/W
0.5 °C/W
1 °C/W
Limiting Voltage UL
1500 V
1500 V
500 V
500 V
Dielectric Strength (1)
Connections/Chassis
2500 V, 1 min
10 mA max.
2500 V, 1 min
10 mA max.
2500 V, 1 min
10 mA max.
2500 V, 1 min
10 mA max.
Dielectric Strength (1)
Connections/Resistors
-
-
2500 V, 1 min
10 mA max.
2500 V, 1 min
10 mA max.
Ohmic Value Range
0.046
 to 1 M
0.091
 to 1 M
Tolerance
± 1 % to ± 10 %
± 1 % to ± 10 %
Electrical Diagrams
R
R
Shunt version
R2
R1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com