Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8972BE Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button MT8972BE Datasheet HTML 10Page - Mitel Networks Corporation MT8972BE Datasheet HTML 11Page - Mitel Networks Corporation MT8972BE Datasheet HTML 12Page - Mitel Networks Corporation MT8972BE Datasheet HTML 13Page - Mitel Networks Corporation MT8972BE Datasheet HTML 14Page - Mitel Networks Corporation MT8972BE Datasheet HTML 15Page - Mitel Networks Corporation MT8972BE Datasheet HTML 16Page - Mitel Networks Corporation MT8972BE Datasheet HTML 17Page - Mitel Networks Corporation MT8972BE Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MT8971B/72B
9-120
Applications
Typical connection diagrams are shown in Figures
13 and 14 for the DN mode as a MASTER and
SLAVE, respectively. LOUT is connected to the
coupling transformer through a resistor R2 and
capacitors
C2
and
C2’
to
match
the
line
characteristic impedance. Suggested values of R2,
C2 and C2’ for 80 and 160 kbit/s operation are
provided
in
Figures
13
and
14.
Overvoltage
protection is provided by R1, D1 and D2. C1 is
present to properly bias the received line signal for
the LIN input. A 2:1 coupling transformer is used to
couple to the line with a secondary center tap for
optional phantom power feed. Varistors have been
shown for surge protection against such things as
lightning strikes.
If the scramblers power up with all zeros in them,
they are not capable of randomizing all-zeros data
sequence. This increases the correlation between
the transmit and receive data which may cause loss
of convergence in the echo canceller and high bit
error rates.
In DN mode the insertion of the SYNC pattern will
provide enough pseudo-random activity to maintain
convergence. In MOD mode the SYNC pattern is not
inserted. For this reason, at least one ”1” must be fed
into the DNIC on power up to ensure that the
scramblers will randomize any subsequent all-zeros
sequence.
Figure 13 - Typical Connection Diagram - MAS/DN Mode, 160 kbit/s
Figure 14 - Typical Connection Diagram - SLV/DN Mode, 160 kbit/s
DV Port ST-BUS
CD Port ST-BUS
Master Clocks
Mode Select
Lines
{
{
{
+5V
0.33
µF
0.33
µF
DSTi
DSTo
CDSTi
CDSTo
F0
C4
MS0
MS1
MS2
VRef
VBias
LOUT
LIN
OSC1
OSC2
F0o
NC
D.C. coupled,
Frequency locked
10.24 MHz clock.
R2 = 390
Ω
R1 = 47
Ω
C2’ = 1.5 nF
C2 = 22 nF
+5V
D1 = D2 = MUR405
D2
2 : 1
1.0
µF
Line Feed
Voltage
For 80 kbit/s: C2’ = 3.3 nF
C1 = 0.33
µF
68 Volts
(Typ)
2.5 Joules
0.02 Watt
Note: Low leakage diodes (1 & 2) are required so
that the DC voltage at LIN ≈ VBias
To Next DNIC
MT8971B/72B
Refer to AC Electrical
Characteristics
DN Mode
Clock Timing
DV Port ST-BUS
CD Port ST-BUS
Master Clocks
Mode Select
Lines
+5V
0.33
µF
0.33
µF
DSTi
DSTo
CDSTi
CDSTo
F0
C4
MS0
MS1
MS2
VRef
VBias
LOUT
LIN
OSC1
OSC2
R2 = 390
Ω
R1 = 47
Ω
C2’ = 1.5 nF
C2 = 22 nF
+5V
D1 = D2 = MUR405
D2
2:1
{
{
{
1.0
µF
For 80 kbit/s: C2’ = 3.3 nF
C1 = 0.33
µF
68 Volts
(Typ)
0.02 Watt
Note: Low leakage diodes (1 & 2) are required so
2.5 Joules
that the DC voltage at LIN ≈ VBias
10.24 MHz XTAL
C3=33pF=C4
Supply
MT8971B/72B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com