Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SR
Description  Wirewound Resistors, Open Air, Current Sense, Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SR Datasheet(HTML) 2 Page - Vishay Siliconix

  SR Datasheet HTML 1Page - Vishay Siliconix SR Datasheet HTML 2Page - Vishay Siliconix SR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR
www.vishay.com
Vishay Dale
Revision: 12-Dec-11
2
Document Number: 31067
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Element: Nickel-chrome or copper-nickel alloy depending
on resistance value
Terminals: Tinned copper
Encapsulation: None
Marking: None
DERATING
MODEL
DIMENSIONS in inches [millimeters]
AB
CE
F
SR1
0.450 + 0.020
[11.43 + 0.508]
-
0.125 ± 0.030
[3.18 ± 0.762]
0.070
[1.78]
0.040 ± 0.002
[1.02 ± 0.051]
SR3
0.600 + 0.040/- 0.020
[15.24 + 1.020/- 0.508]
1.0 maximum
[25.4 maximum]
0.065 + 0.010/- 0.005
[1.65 + 0.254/- 0.127]
SR5
0.800 + 0.040/- 0.020
[20.32 + 1.020/- 0.508]
F
E
E
F
A
C
B
A
C
SR1
SR3 and SR5
0.112
[2.85]
max.
0.050 ± 0.010
[1.27 ± 0.254]
0.312
[7.95]
typ.
- 65
- 25
25
75
125
175
225
275
AMBIENT TEMPERATURE IN °C
0
20
40
60
80
100
120
70
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Temperature Cycling
- 55 °C to + 125 °C, 1000 cycles, 15 min at each extreme
± (1.0 % + 0.0005
) R
Low Temperature Storage
- 65 °C for 24 h
± (0.5 % + 0.0005
) R
High Temperature Exposure
1000 h at + 275 °C
± (2.0 % + 0.0005
) R
Bias Humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (1.0 % + 0.0005
) R
Mechanical Shock
100 g’s for 11 ms, 5 pulses
± (0.2 % + 0.0005
) R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.2 % + 0.0005
) R
Load Life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (2.0 % + 0.0005
) R
Resistance to Solder Heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
) R
Moisture Resistance
MIL-STD-202 method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com