Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8977AP Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8977AP
Description  ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8977AP Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8977AP Datasheet HTML 17Page - Mitel Networks Corporation MT8977AP Datasheet HTML 18Page - Mitel Networks Corporation MT8977AP Datasheet HTML 19Page - Mitel Networks Corporation MT8977AP Datasheet HTML 20Page - Mitel Networks Corporation MT8977AP Datasheet HTML 21Page - Mitel Networks Corporation MT8977AP Datasheet HTML 22Page - Mitel Networks Corporation MT8977AP Datasheet HTML 23Page - Mitel Networks Corporation MT8977AP Datasheet HTML 24Page - Mitel Networks Corporation MT8977AP Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Preliminary Information
ISO-CMOS
MT8977
4-119
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Figure 15 - DS1 Receive Clock Timing
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
Figure 16 - ST-BUS Stream Timing
AC Electrical Characteristics† - Timing For DS1 Link Bit Cells (Figure 15)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
E1.5i Clock Period
tPEC
500
648
ns
2
E1.5i Clock Width High or Low
tWEC
250
324
ns
tPEC = 648 ns
AC Electrical Characteristics† - 2048 kbit/s ST-BUS Streams (Figure 16)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Serial Output Delay
tSOD
125
ns
150 pF load
2
Serial Input Setup Time
tSIS
15
ns
3
Serial Input Hold Time
tSIH
50
ns
BIT CELL
BIT CELL
DS1 BIT CELLS FOR
RECEPTION
2.0V
0.8V
E1.5i
tPEC
tWEC
tWEC
Bit Cell Boundaries
tSOD
tSOD
C2i
DSTo or
DSTi,
2.0V
0.8V
2.4V
0.4V
2.0V
0.8V
tSIS
tSIH
CSTi0/CSTi1
CSTo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com